Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP73837-AMI/MF Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP73837-AMI/MF
Description  Advanced Stand-Alone Li-Ion/Li-Polymer Battery Charge Management Controller with Autonomous AC Adapter or USB Port Source Selection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73837-AMI/MF Datasheet(HTML) 4 Page - Microchip Technology

  MCP73837-AMI/MF Datasheet HTML 1Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 2Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 3Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 4Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 5Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 6Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 7Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 8Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
MCP73837/8
DS20002071C-page 4
 2007-2015 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings†
VDDN.................................................................................7.0V
All Inputs and Outputs w.r.t. VSS ............. -0.3 to (VDD +0.3)V
Maximum Junction Temperature, TJ ............Internally Limited
Storage temperature .....................................-65°C to +150°C
ESD protection on all pins
Human Body Model (1.5 k
 in Series with 100 pF) ...... ≥4kV
Machine Model (200 pF, No Series Resistance) .............300V
† Notice: Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operational listings of this specification is not implied.
Exposure to maximum rating conditions for extended periods
may affect device reliability.
DC CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, all limits apply for VDD= [VREG(typical) + 0.3V] to 6V, TA = -40°C to +85°C.
Typical values are at +25°C, VDD = [VREG (typical) + 1.0V].
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Supply Input
Supply Voltage
VDD
VREG(Typ)
+0.3V
—6
V
(1)
Supply Current
ISS
—
1900
3000
µA
Charging
—
—
110
300
µA
Charge Complete, No Battery
75
100
µA
Standby (PROG Floating)
0.6
5
µA
Shutdown (VDD ≤ VBAT – 100 mV
or VDD < VSTOP)
UVLO Start Threshold
VSTART
3.35
3.45
3.55
V
VDD = Low to High (USB Port)
UVLO Stop Threshold
VSTOP
3.25
3.35
3.45
V
VDD = High to Low (USB Port)
UVLO Hysteresis
VHYS
—
75
—
mV
(USB Port)
UVLO Start Threshold
VSTART
4.1
4.15
4.3
V
(AC Adapter)
UVLO Stop Threshold
VSTOP
4.0
4.1
4.2
V
(AC Adapter)
UVLO Hysteresis
VHYS
—
55
—
mV
(AC Adapter)
Voltage Regulation (Constant Voltage Mode)
Regulated Charge Voltage
VREG
4.179
4.20
4.221
V
VDD = [VREG(typical) + 1V]
—
4.328
4.35
4.372
V
IOUT = 30 mA
4.378
4.40
4.422
V
TA = -5°C to +55°C
4.477
4.50
4.523
V
Regulated Charge Voltage
Tolerance
VRTOL
-0.5
—
+0.5
%
TA = -5°C to +55°C
Line Regulation
VBAT/VBAT)
/
VDD|
—
0.075
0.2
%/V
VDD = [VREG(typical)+1V] to 6V
IOUT = 30 mA
Load Regulation
VBAT/VBAT|
—
0.150
0.3
%
IOUT = 10 mA to 100 mA
VDD = [VREG(typical)+1V]
Supply Ripple Attenuation
PSRR
—
60
—
dB
IOUT = 10 mA, 10Hz to 1 kHz
——
52
—
dB
IOUT = 10 mA, 10Hz to 10 kHz
—23
—
dB
IOUT = 10 mA, 10Hz to 1 MHz
Current Regulation (Fast Charge Constant-Current Mode)
AC Adapter Fast Charge Current
IREG
95
105
115
mA
PROG1 = 10 k
—
900
1000
1100
mA
PROG1 = 1 k
(2)
TA = -5°C to +55°C
Note 1:
The supply voltage (VDD) = VAC when input power source is from AC adapter and the supply voltage (VDD) = VUSB
when input power source is from the USB port.
2:
The value is guaranteed by design and not production tested.
3:
The current is based on the ratio of selected current regulation (IREG).
The maximum charge impedance has to be less than shutdown impedance for normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com