Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP73837-AMI/MF Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP73837-AMI/MF
Description  Advanced Stand-Alone Li-Ion/Li-Polymer Battery Charge Management Controller with Autonomous AC Adapter or USB Port Source Selection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73837-AMI/MF Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP73837-AMI/MF Datasheet HTML 10Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 11Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 12Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 13Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 14Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 15Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 16Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 17Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
MCP73837/8
DS20002071C-page 14
 2007-2015 Microchip Technology Inc.
3.7
USB Port Current Regulation Set
(PROG2)
The MCP73837/8 USB port current regulation set input
(PROG2) is a digital input selection. A logic Low selects
a 1 unit load charge current; a logic High selects a 5
unit loads charge current. The precondition and termi-
nation current is internally set to the percentage levels
selected by the device part number. The current is
based on the selected unit load charge current, based
on the level of PROG2.
PROG2 also functions as the set point of termination
when the USB port is present. When PROG2 is float-
ing, the MCP73837/8 enters into Stand-By mode.
3.8
Power Good (PG)
Power Good (PG) is available only on MCP73837. PG
is an open-drain logic output for connection to an LED
for input power supply indication. Alternatively, a
pull-up resistor can be applied for interfacing to a host
microcontroller.
3.9
Timer Enable (TE)
Timer Enable (TE) is available only on MCP73838. TE
enables the built-in safety timer when it is pulled Low,
and disables the built-in safety timer when it is pulled
High.
3.10
Battery Temperature Monitor
(THERM)
MCP73837/8 continuously monitors the battery
temperature during a charge cycle by measuring the
voltage between the THERM and VSS pins. An internal
50 µA current source provides the bias for the most
common
10 k
 negative-temperature coefficient
thermistors (NTC).
3.11
Battery Charge Control Output
(VBAT)
Connect to the positive terminal of Li-Ion/Li-Polymer
batteries. Bypass to VSS, with a minimum of 1 µF, to
ensure loop stability when the battery is disconnected.
3.12
Exposed Thermal Pad (EP)
The 10-lead 3 x 3 mm DFN package has an exposed
metal pad on the bottom of the package. It gives the
device better thermal characteristics by providing a
good thermal path to a PCB ground plane.There is an
internal electrical connection between the EP and the
VSS pin; they must be connected to the same potential
on the PCB.
Note:
The built-in safety timer is available for
both MCP73837 and MCP73838 in the
following options: Disable, 4 HR, 6 HR,
and 8 HR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com