Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP73837-AMI/MF Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP73837-AMI/MF
Description  Advanced Stand-Alone Li-Ion/Li-Polymer Battery Charge Management Controller with Autonomous AC Adapter or USB Port Source Selection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73837-AMI/MF Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP73837-AMI/MF Datasheet HTML 15Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 16Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 17Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 18Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 19Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 20Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 21Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 22Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
 2007-2015 Microchip Technology Inc.
DS20002071C-page 19
MCP73837/8
5.2
Digital Circuitry
5.2.1
STATUS INDICATORS AND POWER
GOOD (PG) OPTION
The charge status outputs have two different states:
Low (L), and High Impedance (Hi-Z). The charge status
outputs can be used to illuminate LEDs. Optionally, the
charge status outputs can be used as an interface to a
host microcontroller. Table 5-1 summarizes the state of
the status outputs during a charge cycle.
5.2.2
USB PORT CURRENT
REGULATION SELECT (PROG2)
For the MCP73837/8, driving the PROG2 input to a
logic Low selects the low charge current setting
(maximum 100 mA). Driving the PROG2 input to a logic
High selects the high charge current setting (maximum
500 mA).
The Precondition current and Termination current are
percentages of the charge current selected by the
PROG2 level. The percentage is based on the selected
part number of the device.
5.2.3
POWER GOOD (PG) OPTION
The power good (PG) option is a pseudo open-drain
output. It is only available on the MCP73837. The PG
output can sink current, but not source current. How-
ever, there is a diode path back to the input, and as
such, the output should be pulled up only to the input.
The PG output is low whenever the input to the
MCP73837 is above the UVLO threshold and greater
than the battery voltage. If the supply voltage is above
the UVLO, but below VREG(typical)+0.3V, the
MCP73837 will pulse the PG output as the device
determines if a battery is present.
5.2.4
TIMER ENABLE (TE) OPTION
The timer enable (TE) input option is used to enable or
disable the internal timer. It is only available on the
MCP73838. A low signal on this pin enables the inter-
nal timer and a high signal disables the internal timer.
The TE input can be used to disable the timer when the
charger is supplying current to charge the battery and
power the system load. The TE input is compatible with
1.8V logic.
5.2.5
DEVICE DISABLE (PROG1/2)
The current regulation set input pin (PROG1/2) can be
used to terminate a charge at any time during the
charge cycle, as well as to initiate a charge cycle or to
initiate a recharge cycle.
Placing a programming resistor from the PROG1/2
input to VSS enables the device. Allowing the PROG1/2
input to float or applying a logic-high input signal to
PROG1 disables the device and terminates a charge
cycle. When disabled, the device’s supply current is
reduced to 75 µA, typically.
TABLE 5-1:
STATUS OUTPUTS
Charge Cycle State
STAT1
STAT2
PG
Shutdown
High Z
High Z
High-Z
Standby
High-Z
High Z
L
Preconditioning
L
High Z
L
Constant Current
L
High Z
L
Constant Voltage
L
High Z
L
Charge Complete – Standby
High Z
L
L
Temperature Fault
High Z
High Z
L
Timer Fault
High Z
High Z
L
System Test Mode
L
L
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com