Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP73837-AMI/MF Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP73837-AMI/MF
Description  Advanced Stand-Alone Li-Ion/Li-Polymer Battery Charge Management Controller with Autonomous AC Adapter or USB Port Source Selection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73837-AMI/MF Datasheet(HTML) 5 Page - Microchip Technology

  MCP73837-AMI/MF Datasheet HTML 1Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 2Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 3Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 4Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 5Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 6Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 7Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 8Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
 2007-2015 Microchip Technology Inc.
DS20002071C-page 5
MCP73837/8
USB port Fast Charge Current
IREG
80
90
100
mA
PROG2 = Low
—
400
450
500
mA
PROG2 = High
TA = -5°C to +55°C
Maximum Output Current Limit
IMAX
—
1200
—
mA
PROG1 < 833
Precondition Current Regulation (Trickle Charge Constant-Current Mode)
Precondition Current Ratio
IPREG/IREG
7.5
10
12.5
%
(3)
—15
20
25
%
TA = -5°C to +55°C
30
40
50
%
—
100
—
%
Precondition Current Threshold
Ratio
VPTH/VREG
64
66.5
69
%
VBAT Low to High
—
69
71.5
74
%
Precondition Hysteresis
VPHYS
—
120
—
mV
VBAT High to Low
Charge Termination
Charge Termination Current Ratio
ITERM/IREG
3.75
5
6.25
%
PROG1 = 1 k
to 10 k
—
5.6
7.5
9.4
%
TA = -5°C to +55°C
7.5
10
12.5
%
(3)
15
20
25
%
Automatic Recharge
Recharge Voltage Threshold Ratio
VRTH/VREG
92
94.0
96
%
VBAT High to Low
—95
97
99
%
TA = -5°C to +55°C
Pass Transistor ON-Resistance
ON-Resistance
RDSON
—
350
—
m
VDD = 4.5V, TJ = +105°C
Battery Discharge Current
Output Reverse Leakage Current
IDISCHARGE
—
0.1
2
µA
Standby (PROG1 or PROG2
Floating)
—
—
0.55
2
µA
Shutdown (VDD ≤ VBAT -100 mV
or VDD < VSTOP)
—
-6
-15
µA
Charge Complete
Status Indicators – STAT1, STAT2, PG (MCP73837)
Sink Current
ISINK
—16
35
mA
Low Output Voltage
VOL
—0.3
1
V
ISINK = 4 mA
Input Leakage Current
ILK
—
0.03
1
µA
High Impedance, VDD on pin
PROG1 Input (PROG1)
Charge Impedance Range
RPROG
1—
—
k
(4)
Shutdown Impedance
RPROG
70
—
200
k
Minimum Impedance for
Shutdown
PROG2 Inputs (PROG2)
Input High Voltage Level
VIH
0.8VDD
——
%
Input Low Voltage Level
VIL
—
—
0.2VDD
%
Shutdown Voltage Level
VSD
0.2VDD
—0.8VDD
%
Input Leakage Current
ILK
—7
15
µA
VPROG2 = VDD
DC CHARACTERISTICS (Continued)
Electrical Specifications: Unless otherwise indicated, all limits apply for VDD= [VREG(typical) + 0.3V] to 6V, TA = -40°C to +85°C.
Typical values are at +25°C, VDD = [VREG (typical) + 1.0V].
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
The supply voltage (VDD) = VAC when input power source is from AC adapter and the supply voltage (VDD) = VUSB
when input power source is from the USB port.
2:
The value is guaranteed by design and not production tested.
3:
The current is based on the ratio of selected current regulation (IREG).
The maximum charge impedance has to be less than shutdown impedance for normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com