Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP73837-AMI/MF Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP73837-AMI/MF
Description  Advanced Stand-Alone Li-Ion/Li-Polymer Battery Charge Management Controller with Autonomous AC Adapter or USB Port Source Selection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73837-AMI/MF Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP73837-AMI/MF Datasheet HTML 12Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 13Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 14Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 15Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 16Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 17Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 18Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 19Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
MCP73837/8
DS20002071C-page 16
 2007-2015 Microchip Technology Inc.
4.1
Undervoltage Lockout (UVLO)
An internal undervoltage lockout (UVLO) circuit
monitors the input voltage and keeps the charger in
Shutdown mode until the input supply rises above the
UVLO threshold. The UVLO circuitry has a built-in
hysteresis of 75 mV for the USB port and 55 mV for the
AC adapter.
In the event a battery is present when the input power
is applied, the input supply must rise 100 mV above the
battery
voltage
before
MCP73837/8
becomes
operational.
The UVLO circuit places the device in shutdown mode
if the input supply falls to within +100 mV of the battery
voltage.
The UVLO circuit is always active. If, at any time, the
input supply is below the UVLO threshold or within
+100 mV of the voltage at the VBAT pin, the
MCP73837/8 is placed in a Shutdown mode.
During any UVLO condition, the battery reverse
discharge current is less than 2 µA.
4.2
Autonomous Power Source
Selection
The MCP73837/8 devices are designed to select the
USB port or AC adapter as the power source
automatically. If the AC adapter input is not present, the
USB port is selected. If both inputs are available, the
AC adapter has first priority.
4.3
Charge Qualification
For a charge cycle to begin, all UVLO conditions must
be met and a battery or output load must be present.
A charge current programming resistor must be con-
nected from PROG1 to VSS. If the PROG1 or PROG2
pin are open or floating, the MCP73837/8 is disabled
and the battery reverse discharge current is less than
2 µA. In this manner, the PROG1 pin acts as a charge
enable and can be used as a manual shutdown.
4.4
Preconditioning
If the voltage at the VBAT pin is less than the
preconditioning threshold, the MCP73837/8 enters a
preconditioning mode. The preconditioning threshold is
factory set.
Refer to Section 1.0 “Electrical Characteristics” for pre-
conditioning threshold options.
In this mode, the MCP73837/8 supplies a percentage
of the charge current (established with the value of the
resistor connected to the PROG1 pin for AC mode,
established by PROG2 level for USB mode) to the bat-
tery. The percentage or ratio of the current is factory
set. Refer to Section 1.0 “Electrical Characteristics” for
preconditioning current options.
When the voltage at the VBAT pin rises above the
preconditioning threshold, the MCP73837/8 enters the
Constant Current or Fast Charge mode.
4.5
Constant Current Mode – Fast
Charge
During Constant Current mode, the programmed (AC
adapter) or selected (USB port) charge current is sup-
plied to the battery or load.
For AC adapter, the charge current is established
using a single resistor from PROG1 to VSS. The
program resistor and the charge current are calculated
using the Equation 4-1.
EQUATION 4-1:
When charging from a USB port, the host
microcontroller has the option of selecting either a
one-unit-load or a five-unit-loads charge rate based on
the PROG2 input. A logic Low selects a one-unit-load
charge rate, a High selects a five-unit-loads charge
rate, and high impedance input suspends or disables
charging.
Constant Current mode is maintained until the voltage
at the VBAT pin reaches the regulation voltage, VREG.
When constant current mode is invoked, the internal
timer is reset.
Note:
If the input power is switched during a
charge cycle, the power path switch-over
will be a break-before-make connection.
As a result, the charge current can
momentarily go to zero. The charge cycle
timer will remain continuous.
Note:
USB Specification Rev. 2.0 defines the
maximum absolute current for one unit
load is 100 mA. This value is not an
average over time and cannot be
exceeded.
I
REG
1000V
R
PROG
--------------------
=
Where:
RPROG =
kilohm (k

IREG =
milliampere (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com