Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP73837-AMI/MF Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP73837-AMI/MF
Description  Advanced Stand-Alone Li-Ion/Li-Polymer Battery Charge Management Controller with Autonomous AC Adapter or USB Port Source Selection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73837-AMI/MF Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP73837-AMI/MF Datasheet HTML 4Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 5Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 6Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 7Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 8Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 9Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 10Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 11Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
MCP73837/8
DS20002071C-page 8
 2007-2015 Microchip Technology Inc.
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, VDD = [VREG(typical) + 1V], IOUT = 30 mA, and TA= +25°C, Constant-voltage mode.
FIGURE 2-1:
Battery Regulation Voltage
(VBAT) vs. Supply Voltage (VDD).
FIGURE 2-2:
Battery Regulation Voltage
(VBAT) vs. Ambient Temperature (TA).
FIGURE 2-3:
Output Leakage Current
(IDISCHARGE) vs. Battery Regulation Voltage
(VBAT).
FIGURE 2-4:
Output Leakage Current
(IDISCHARGE) vs. Ambient Temperature (TA).
FIGURE 2-5:
Output Leakage Current
(IDISCHARGE) vs. Battery Voltage (VBAT).
FIGURE 2-6:
Charge Current (IOUT) vs.
Programming Resistor (RPROG).
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
4.160
4.165
4.170
4.175
4.180
4.185
4.190
4.195
4.200
4.205
4.210
4.5
4.8
5.0
5.3
5.5
5.8
6.0
Supply Voltage (V)
TEMP = 25°C
IOUT = 10 mA
IOUT = 100 mA
IOUT = 500 mA
IOUT = 1000 mA
IOUT = 50 mA
4.170
4.175
4.180
4.185
4.190
4.195
4.200
4.205
4.210
-40 -30 -20 -10 0 1020304050607080
Ambient Temperature (°C)
IOUT = 10 mA
VDD = 5.2V
IOUT = 1000 mA
IOUT = 500 mA
IOUT = 100 mA
IOUT = 50 mA
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
3.0 3.1 3.2 3.3 3.4 3.5 3.6 3.7 3.8 3.9 4.0 4.1 4.2
Battery Voltage (V)
VDD = VBAT
TEMP = 25 °C
0.0
0.4
0.8
1.2
1.6
2.0
-40 -30 -20 -10 0 1020304050607080
Temperature (°C)
VDD = Floating
VBAT = 4.2V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
3.0 3.1 3.2 3.3 3.4 3.5 3.6 3.7 3.8 3.9 4.0 4.1 4.2
Battery Voltage (V)
VDD = Floating
TEMP = +25°C
0
100
200
300
400
500
600
700
800
900
1000
1
6 11 16 21 26 31 36 41 46 51 56 61
RPROG (kΩ)
VDD = 5.2V
Temp = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com