Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP73837-AMI/MF Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP73837-AMI/MF
Description  Advanced Stand-Alone Li-Ion/Li-Polymer Battery Charge Management Controller with Autonomous AC Adapter or USB Port Source Selection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73837-AMI/MF Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP73837-AMI/MF Datasheet HTML 8Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 9Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 10Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 11Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 12Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 13Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 14Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 15Page - Microchip Technology MCP73837-AMI/MF Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
MCP73837/8
DS20002071C-page 12
 2007-2015 Microchip Technology Inc.
Note: Unless otherwise indicated, VDD = [VREG(typical) + 1V], IOUT = 30 mA and TA= +25°C, Constant-voltage mode.
UVLOVAC
FIGURE 2-25:
VUSB Start Delay
(USB = High)
FIGURE 2-26:
Complete Charge Cycle
(1200 mAh Li-Ion Battery).
FIGURE 2-27:
Typical Charge Profile in
Thermal Regulation (1200 mAh Li-Ion Battery).
FIGURE 2-28:
Complete Charge Cycle
(180 mAh Li-Ion Battery).
FIGURE 2-29:
Typical Charge Profile in
Preconditioning and CC-CV (180 mAh Li-Ion
Battery).
VIN
VOUT
0.0
1.0
2.0
3.0
4.0
5.0
Time (Minutes)
0
0.2
0.4
0.6
0.8
1
1.2
VDD = 5.2V
RPROG = 1 kΩ
1200 mAh Li-Ion Battery
VOUT
IOUT
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
012
34567
89
10
Time (Minutes)
0
0.3
0.6
0.9
1.2
VDD = 5.2V
RPROG = 1 kΩ
1200 mAh Li-Ion Battery
VOUT
IOUT
0.0
1.0
2.0
3.0
4.0
5.0
0
20 40 60 80 100 120 140 160 180
Time (Minutes)
0
0.02
0.04
0.06
0.08
0.1
0.12
VDD = 5.2V
RPROG = USB_Low
180 mAh Li-Ion Battery
VOUT
IOUT
0.0
1.0
2.0
3.0
4.0
5.0
01
23
456
789
10
Time (Minutes)
0
0.02
0.04
0.06
0.08
0.1
0.12
VDD = 5.2V
RPROG = USB_Low
180 mAh Li-Ion Battery
C.C. Begins
Preconditioning
C.V. Begins
VOUT
IOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com