Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L011X3 Datasheet(PDF) 55 Page - STMicroelectronics

Part # STM32L011X3
Description  Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 16KB Flash, 2KB SRAM, 512B EEPROM, ADC
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L011X3 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STM32L011X3 Datasheet HTML 51Page - STMicroelectronics STM32L011X3 Datasheet HTML 52Page - STMicroelectronics STM32L011X3 Datasheet HTML 53Page - STMicroelectronics STM32L011X3 Datasheet HTML 54Page - STMicroelectronics STM32L011X3 Datasheet HTML 55Page - STMicroelectronics STM32L011X3 Datasheet HTML 56Page - STMicroelectronics STM32L011X3 Datasheet HTML 57Page - STMicroelectronics STM32L011X3 Datasheet HTML 58Page - STMicroelectronics STM32L011X3 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 115 page
background image
Electrical characteristics
STM32L011x3/4
55/115
DocID027973 Rev 4
Table 24. Current consumption in Run mode, code with data processing running from RAM
Symbol
Parameter
Conditions
fHCLK
Typ
Max(1)
Unit
IDD (Run
from
RAM)
Supply current in
Run mode, code
executed from
RAM, Flash
switched OFF
fHSE = fHCLK up to 16
MHz, included
fHSE = fHCLK/2 above
16 MHz
(PLL ON)(2)
Range 3,
VCORE=1.2 V,
VOS[1:0]=11
1 MHz
115
140
µA
2 MHz
205
240
4 MHz
385
420
Range 2,
VCORE=1.5 ,V,
VOS[1:0]=10
4 MHz
0.48
0.55
mA
8 MHz
0.935
1.1
16 MHz
1.8
2
Range 1,
VCORE=1.8 V,
VOS[1:0]=01
8 MHz
1.1
1.4
16 MHz
2.1
2.5
32 MHz
4.5
4.9
MSI clock
Range 3,
VCORE=1.2 V,
VOS[1:0]=11
65 kHz
22
38
µA
524 kHz
67
91
4.2 MHz
415
450
HSI16 clock source
(16 MHz)
Range 2,
VCORE=1.5 V,
VOS[1:0]=10
16 MHz
1.95
2.2
mA
Range 1,
VCORE=1.8 V,
VOS[1:0]=01
32 MHz
4.7
5.2
1.
Guaranteed by characterization results
at 125 °C, not tested in production, unless otherwise specified.
2.
Oscillator bypassed (HSEBYP = 1 in RCC_CR register).
Table 25. Current consumption in Run mode vs code type,
code with data processing running from RAM(1)
Symbol
Parameter
Conditions
fHCLK
Typ
Unit
IDD (Run
from
RAM)
Supply current in
Run mode, code
executed from
RAM, Flash
switched OFF
fHSE = fHCLK up to 16
MHz, included,
fHSE = fHCLK/2 above
16 MHz (PLL ON)(2)
Range 3,
VCORE=1.2 V,
VOS[1:0]=11
Dhrystone
4 MHz
385
µA
CoreMark
-(3)
Fibonacci
350
while(1)
340
Range 1,
VCORE=1.8 V,
VOS[1:0]=01
Dhrystone
32 MHz
4.5
mA
CoreMark
-(3)
Fibonacci
4.2
while(1)
3
1.
Guaranteed by characterization results, not tested in production, unless otherwise specified.
2.
Oscillator bypassed (HSEBYP = 1 in RCC_CR register).
3. CoreMark code is unable to run from RAM since the RAM size is only 2 Kbytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com