Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L011X3 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STM32L011X3
Description  Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 16KB Flash, 2KB SRAM, 512B EEPROM, ADC
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L011X3 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STM32L011X3 Datasheet HTML 24Page - STMicroelectronics STM32L011X3 Datasheet HTML 25Page - STMicroelectronics STM32L011X3 Datasheet HTML 26Page - STMicroelectronics STM32L011X3 Datasheet HTML 27Page - STMicroelectronics STM32L011X3 Datasheet HTML 28Page - STMicroelectronics STM32L011X3 Datasheet HTML 29Page - STMicroelectronics STM32L011X3 Datasheet HTML 30Page - STMicroelectronics STM32L011X3 Datasheet HTML 31Page - STMicroelectronics STM32L011X3 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 115 page
background image
DocID027973 Rev 4
28/115
STM32L011x3/4
Functional overview
32
3.14.1
General-purpose timers (TIM2, TIM21)
There are three synchronizable general-purpose timers embedded in the STM32L011x3/4
devices (see Table 7 for differences).
TIM2
TIM2 is based on 16-bit auto-reload up/down counter. It includes a 16-bit prescaler. It
features four independent channels each for input capture/output compare, PWM or one-
pulse mode output.
The TIM2 general-purpose timers can work together or with the TIM21 general-purpose
timer via the Timer Link feature for synchronization or event chaining. Its counter can be
frozen in debug mode. Any of the general-purpose timers can be used to generate PWM
outputs.
TIM2 has independent DMA request generation.
This timer is capable of handling quadrature (incremental) encoder signals and the digital
outputs from 1 to 3 hall-effect sensors.
TIM21
TIM21 is based on a 16-bit auto-reload up/down counter. It includes a 16-bit prescaler. It has
two independent channels for input capture/output compare, PWM or one-pulse mode
output. It can work together and be synchronized with TIM2 full-featured general-purpose
timer.
It can also be used as simple timebase and be clocked by the LSE clock source
(32.768 kHz) to provide independent timebase from the main CPU clock.
3.14.2
Low-power Timer (LPTIM)
The low-power timer has an independent clock and is running also in Stop mode if it is
clocked by LSE, LSI or an external clock. It is able to wakeup the devices from Stop mode.
This low-power timer supports the following features:
•
16-bit up counter with 16-bit autoreload register
•
16-bit compare register
•
Configurable output: pulse, PWM
•
Continuous / one shot mode
•
Selectable software / hardware input trigger
•
Selectable clock source
–
Internal clock source: LSE, LSI, HSI or APB clock
–
External clock source over LPTIM1 input (working even with no internal clock
source running, used by the Pulse Counter Application)
•
Programmable digital glitch filter
•
Encoder mode
3.14.3
SysTick timer
This timer is dedicated to the OS, but could also be used as a standard downcounter. It is
based on a 24-bit downcounter with autoreload capability and a programmable clock
source. It features a maskable system interrupt generation when the counter reaches ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com