Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L011X3 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STM32L011X3
Description  Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 16KB Flash, 2KB SRAM, 512B EEPROM, ADC
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L011X3 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STM32L011X3 Datasheet HTML 26Page - STMicroelectronics STM32L011X3 Datasheet HTML 27Page - STMicroelectronics STM32L011X3 Datasheet HTML 28Page - STMicroelectronics STM32L011X3 Datasheet HTML 29Page - STMicroelectronics STM32L011X3 Datasheet HTML 30Page - STMicroelectronics STM32L011X3 Datasheet HTML 31Page - STMicroelectronics STM32L011X3 Datasheet HTML 32Page - STMicroelectronics STM32L011X3 Datasheet HTML 33Page - STMicroelectronics STM32L011X3 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 115 page
background image
DocID027973 Rev 4
30/115
STM32L011x3/4
Functional overview
32
3.15.2
Universal synchronous/asynchronous receiver transmitter (USART)
The USART interface (USART2) is able to communicate at speeds of up to 4 Mbit/s.
It provides hardware management of the CTS, RTS and RS485 driver enable (DE) signals,
multiprocessor communication mode and single-wire half-duplex communication mode.
USART2 also supports Smartcard communication (ISO 7816, T=0 protocol) and IrDA SIR
ENDEC.
USART2 interface can be served by the DMA controller.
Table 10 for the supported modes and features of USART interface.
Table 9. STM32L011x3/4 I2C implementation
I2C features(1)
1. X = supported.
I2C1
7-bit addressing mode
X
10-bit addressing mode
X
Standard mode (up to 100 kbit/s)
X
Fast mode (up to 400 kbit/s)
X
Fast Mode Plus with 20 mA output drive I/Os (up to 1 Mbit/s)
X(2)
2. See Table 13: Pin definitions on page 37 for the list of I/Os that feature Fast Mode Plus capability
Independent clock
X
SMBus
X
Wakeup from STOP
X
Table 10. USART implementation
USART modes/features(1)
1. X = supported.
USART2
Hardware flow control for modem
X
Continuous communication using DMA
X
Multiprocessor communication
X
Synchronous mode
-
Smartcard mode
X
Single-wire half-duplex communication
X
IrDA SIR ENDEC block
X
LIN mode
-
Dual clock domain and wakeup from Stop mode
-
Receiver timeout interrupt
-
Modbus communication
-
Auto baud rate detection (4 modes)
-
Driver Enable
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com