Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L011X3 Datasheet(PDF) 63 Page - STMicroelectronics

Part # STM32L011X3
Description  Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 16KB Flash, 2KB SRAM, 512B EEPROM, ADC
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L011X3 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STM32L011X3 Datasheet HTML 59Page - STMicroelectronics STM32L011X3 Datasheet HTML 60Page - STMicroelectronics STM32L011X3 Datasheet HTML 61Page - STMicroelectronics STM32L011X3 Datasheet HTML 62Page - STMicroelectronics STM32L011X3 Datasheet HTML 63Page - STMicroelectronics STM32L011X3 Datasheet HTML 64Page - STMicroelectronics STM32L011X3 Datasheet HTML 65Page - STMicroelectronics STM32L011X3 Datasheet HTML 66Page - STMicroelectronics STM32L011X3 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 115 page
background image
Electrical characteristics
STM32L011x3/4
63/115
DocID027973 Rev 4
tWUSTOP
Wakeup from Stop mode, regulator in
Run mode
fHCLK = fMSI = 4.2 MHz
5.1
8
µs
fHCLK = fHSI = 16 MHz
5.1
7
fHCLK = fHSI/4 = 4 MHz
8.1
11
Wakeup from Stop mode, regulator in
low-power mode
fHCLK = fMSI = 4.2 MHz
Voltage range 1
58
fHCLK = fMSI = 4.2 MHz
Voltage range 2
58
fHCLK = fMSI = 4.2 MHz
Voltage range 3
58
fHCLK = fMSI = 2.1 MHz
7.4
13
fHCLK = fMSI = 1.05 MHz
14
23
fHCLK = fMSI = 524 kHz
28
38
fHCLK = fMSI = 262 kHz
51
65
fHCLK = fMSI = 131 kHz
99
120
fHCLK = fMSI = 65 kHz
196
260
fHCLK = fHSI = 16 MHz
5.1
7
fHCLK = fHSI/4 = 4 MHz
8.2
11
Wakeup from Stop mode, regulator in
low-power mode, HSI kept running in
Stop mode
fHCLK = fHSI = 16 MHz
3.25
-
Wakeup from Stop mode, regulator in
low-power mode, code running from
RAM
fHCLK = fHSI = 16 MHz
4.9
7
fHCLK = fHSI/4 = 4 MHz
7.9
10
fHCLK = fMSI = 4.2 MHz
4.8
8
tWUSTDBY
Wakeup from Standby mode
FWU bit = 1
fHCLK = fMSI = 2.1 MHz
65
130
Wakeup from Standby mode
FWU bit = 0
fHCLK = fMSI = 2.1 MHz
2.2
3
ms
Table 34. Low-power mode wakeup timings (continued)
Symbol
Parameter
Conditions
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com