Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L011X3 Datasheet(PDF) 64 Page - STMicroelectronics

Part # STM32L011X3
Description  Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 16KB Flash, 2KB SRAM, 512B EEPROM, ADC
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L011X3 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button STM32L011X3 Datasheet HTML 60Page - STMicroelectronics STM32L011X3 Datasheet HTML 61Page - STMicroelectronics STM32L011X3 Datasheet HTML 62Page - STMicroelectronics STM32L011X3 Datasheet HTML 63Page - STMicroelectronics STM32L011X3 Datasheet HTML 64Page - STMicroelectronics STM32L011X3 Datasheet HTML 65Page - STMicroelectronics STM32L011X3 Datasheet HTML 66Page - STMicroelectronics STM32L011X3 Datasheet HTML 67Page - STMicroelectronics STM32L011X3 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 115 page
background image
DocID027973 Rev 4
64/115
STM32L011x3/4
Electrical characteristics
92
6.3.6
External clock source characteristics
High-speed external user clock generated from an external source
In bypass mode the input pin is a standard GPIO.The external clock signal has to respect
the I/O characteristics in Section 6.3.12. However, the recommended clock input waveform
is shown in Figure 20.
Figure 20. High-speed external clock source AC timing diagram
Table 35. High-speed external user clock characteristics(1)
1. Guaranteed by design, not tested in production.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSE_ext
User external clock source
frequency
CSS is ON or
PLL is used
18
32
MHz
CSS is OFF,
PLL not used
08
32
MHz
VHSEH
CK_IN input pin high level voltage
-
0.7VDD
-VDD
V
VHSEL
CK_IN input pin low level voltage
VSS
-0.3VDD
tw(HSE)
tw(HSE)
CK_IN high or low time
12
-
-
ns
tr(HSE)
tf(HSE)
CK_IN rise or fall time
-
-
20
Cin(HSE)
CK_IN input capacitance
-
2.6
-
pF
DuCy(HSE) Duty cycle
45
-
55
%
IL
CK_IN Input leakage current
VSS ≤ VIN ≤ VDD
--
±1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com