Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L011X3 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STM32L011X3
Description  Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 16KB Flash, 2KB SRAM, 512B EEPROM, ADC
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L011X3 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STM32L011X3 Datasheet HTML 13Page - STMicroelectronics STM32L011X3 Datasheet HTML 14Page - STMicroelectronics STM32L011X3 Datasheet HTML 15Page - STMicroelectronics STM32L011X3 Datasheet HTML 16Page - STMicroelectronics STM32L011X3 Datasheet HTML 17Page - STMicroelectronics STM32L011X3 Datasheet HTML 18Page - STMicroelectronics STM32L011X3 Datasheet HTML 19Page - STMicroelectronics STM32L011X3 Datasheet HTML 20Page - STMicroelectronics STM32L011X3 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 115 page
background image
Functional overview
STM32L011x3/4
17/115
DocID027973 Rev 4
Programmable
Voltage Detector
(PVD)
OO
O
O
O
O
-
-
Power-on/down
reset (POR/PDR)
YY
Y
Y
Y
Y
Y
Y
High Speed
Internal (HSI)
OO
-
-
(3)
--
-
High Speed
External (HSE)
OO
O
O
-
-
-
-
Low Speed Internal
(LSI)
OO
O
O
O
-
O
-
Low Speed
External (LSE)
OO
O
O
O
-
O
-
Multi-Speed
Internal (MSI)
OO
Y
Y
-
-
-
-
Inter-Connect
Controller
YY
Y
Y
Y
-
-
-
RTC
O
O
O
O
O
O
O
-
RTC Tamper
O
O
O
O
O
O
O
O
Auto WakeUp
(AWU)
OO
O
O
O
-
O
O
USART
O
O
O
O
O(4)
O-
-
LPUART
O
O
O
O
O(4)
O-
-
SPI
O
O
O
O
-
-
-
I2C
O
O
O
O
O(5)
O-
-
ADC
O
O
-
-
-
-
-
-
Temperature
sensor
OO
O
O
O
-
-
-
Comparators
O
O
O
O
O
O
-
-
16-bit timers
O
O
O
O
-
-
-
-
LPTIM
O
O
O
O
O
O
-
-
IWDG
O
O
O
O
O
O
O
O
WWDG
O
O
O
O
-
-
-
-
SysTick Timer
O
O
O
O
-
-
-
-
GPIOs
O
O
O
O
O
O
-
2 pins
Table 5. Functionalities depending on the working mode
(from Run/active down to standby) (continued)(1)(2)
IPs
Run/Active
Sleep
Low-
power
run
Low-
power
sleep
Stop
Standby
Wakeup
capability
Wakeup
capability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com