Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L011X3 Datasheet(PDF) 83 Page - STMicroelectronics

Part # STM32L011X3
Description  Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 16KB Flash, 2KB SRAM, 512B EEPROM, ADC
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L011X3 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button STM32L011X3 Datasheet HTML 79Page - STMicroelectronics STM32L011X3 Datasheet HTML 80Page - STMicroelectronics STM32L011X3 Datasheet HTML 81Page - STMicroelectronics STM32L011X3 Datasheet HTML 82Page - STMicroelectronics STM32L011X3 Datasheet HTML 83Page - STMicroelectronics STM32L011X3 Datasheet HTML 84Page - STMicroelectronics STM32L011X3 Datasheet HTML 85Page - STMicroelectronics STM32L011X3 Datasheet HTML 86Page - STMicroelectronics STM32L011X3 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 115 page
background image
Electrical characteristics
STM32L011x3/4
83/115
DocID027973 Rev 4
Figure 28. ADC accuracy characteristics
ET
Total unadjusted error
1.65 V < VDDA < 3.6 V, range
1/2/3, TSSOP14 package
-3
5
LSB
EO
Offset error
-
2
2.5
EG
Gain error
-
2
2.5
EL
Integral linearity error
-
1.5
2.5
ED
Differential linearity error
-
1
1.7
ENOB
Effective number of bits
9.5
10.5
-
bits
Effective number of bits (16-bit mode
oversampling with ratio =256)(5)
10.7
11.6
-
SINAD
Signal-to-noise distortion
59
65
-
dB
SNR
Signal-to-noise ratio
59
65
-
Signal-to-noise ratio (16-bit mode
oversampling with ratio =256)(5)
66
73
-
THD
Total harmonic distortion
-
-75
-63
1. ADC DC accuracy values are measured after internal calibration.
2. ADC Accuracy vs. Negative Injection Current: Injecting negative current on any of the standard (non-robust) analog input
pins should be avoided as this significantly reduces the accuracy of the conversion being performed on another analog input.
It is recommended to add a Schottky diode (pin to ground) to standard analog pins which may potentially inject negative
current.
Any positive injection current within the limits specified for IINJ(PIN) and ΣIINJ(PIN) in Section 6.3.12 does not affect the ADC
accuracy.
3. Better performance may be achieved in restricted VDDA, frequency and temperature ranges.
4. In TSSOP14 package, where VDDA pin is shared with VDD pin, I/O toggling should be minimized to reach the values given in
the above table. I/O toggling with loaded I/O pins can generate ripple on VDD/VDDA and degrade the ADC accuracy.
5. This number is obtained by the test board without additional noise, resulting in non-optimized value for oversampling mode.
Table 56. ADC accuracy(1)(2)(3)(4)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com