Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L011X3 Datasheet(PDF) 112 Page - STMicroelectronics

Part # STM32L011X3
Description  Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 16KB Flash, 2KB SRAM, 512B EEPROM, ADC
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L011X3 Datasheet(HTML) 112 Page - STMicroelectronics

Back Button STM32L011X3 Datasheet HTML 107Page - STMicroelectronics STM32L011X3 Datasheet HTML 108Page - STMicroelectronics STM32L011X3 Datasheet HTML 109Page - STMicroelectronics STM32L011X3 Datasheet HTML 110Page - STMicroelectronics STM32L011X3 Datasheet HTML 111Page - STMicroelectronics STM32L011X3 Datasheet HTML 112Page - STMicroelectronics STM32L011X3 Datasheet HTML 113Page - STMicroelectronics STM32L011X3 Datasheet HTML 114Page - STMicroelectronics STM32L011X3 Datasheet HTML 115Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 112 / 115 page
background image
DocID027973 Rev 4
112/115
STM32L011x3/4
Part numbering
112
8
Part numbering
For a list of available options (speed, package, etc.) or for further information on any aspect
of this device, please contact your nearest ST sales office.
Table 77. STM32L011x3/4 ordering information scheme
Example:
STM32 L 011
K
4
T
6
D xxx
Device family
STM32 = ARM-based 32-bit microcontroller
Product type
L = Low power
Device subfamily
011 = Access line
Pin count
K = 32 pins
G = 28 pins
E = 25 pins
F = 20 pins
D = 14 pins
Flash memory size
3 = 8 Kbytes
4 = 16 Kbytes
Package
T = LQFP
U = UFQFPN
Y = WLCSP
P = TSSOP
Temperature range
6 = Industrial temperature range, –40 to 85 °C
7 = Industrial temperature range, –40 to 105 °C
3 = Industrial temperature range, –40 to 125 °C
Options
No character = VDD range: 1.8 to 3.6 V and BOR enabled
D = VDD range: 1.65 to 3.6 V and BOR disabled
Packing
TR = tape and reel
No character = tray or tube



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com