Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S903K3 Datasheet(PDF) 116 Page - STMicroelectronics

Part # STM8S903K3
Description  16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, 1 Kbyte RAM, 640 bytes EEPROM,10-bit ADC, 2 timers, UART, SPI, IC
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S903K3 Datasheet(HTML) 116 Page - STMicroelectronics

Back Button STM8S903K3 Datasheet HTML 112Page - STMicroelectronics STM8S903K3 Datasheet HTML 113Page - STMicroelectronics STM8S903K3 Datasheet HTML 114Page - STMicroelectronics STM8S903K3 Datasheet HTML 115Page - STMicroelectronics STM8S903K3 Datasheet HTML 116Page - STMicroelectronics STM8S903K3 Datasheet HTML 117Page - STMicroelectronics STM8S903K3 Datasheet HTML 118Page - STMicroelectronics STM8S903K3 Datasheet HTML 119Page - STMicroelectronics STM8S903K3 Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 121 page
background image
Revision history
STM8S903K3 STM8S903F3
116/121
DocID15590 Rev 10
15
Revision history
Table 61. Document revision history
Date
Revision
Changes
30-Apr-2009
1
Initial release.
03-Jun-2009
2
– Added bullet point concerning unique identifier to
Features
section on cover page.
– Highlighted internal reference voltage in Section 4.13:
Analog-to-digital converter (ADC1)
.
– Updated wpu and PP status of
PB5/12C_SDA[TIM1_BKIN] and
PB4/12C_SCL[ADC_ETR] pins in Section 5: Pinouts
and pin descriptions
.
– Updated Section 6.1: Memory map.
– Added Section 9: Unique ID.
– Added TBD values to Table 45: SPI characteristics.
– Added max values to Table 48: ADC accuracy with
RAIN< 10 kW, VDD = 5 V
and Table 49: ADC
accuracy with RAIN< 10 kW, VDD = 3.3 V
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com