Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S903K3 Datasheet(PDF) 119 Page - STMicroelectronics

Part # STM8S903K3
Description  16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, 1 Kbyte RAM, 640 bytes EEPROM,10-bit ADC, 2 timers, UART, SPI, IC
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S903K3 Datasheet(HTML) 119 Page - STMicroelectronics

Back Button STM8S903K3 Datasheet HTML 113Page - STMicroelectronics STM8S903K3 Datasheet HTML 114Page - STMicroelectronics STM8S903K3 Datasheet HTML 115Page - STMicroelectronics STM8S903K3 Datasheet HTML 116Page - STMicroelectronics STM8S903K3 Datasheet HTML 117Page - STMicroelectronics STM8S903K3 Datasheet HTML 118Page - STMicroelectronics STM8S903K3 Datasheet HTML 119Page - STMicroelectronics STM8S903K3 Datasheet HTML 120Page - STMicroelectronics STM8S903K3 Datasheet HTML 121Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 119 / 121 page
background image
DocID15590 Rev 10
119/121
STM8S903K3 STM8S903F3
Revision history
120
28-Jul-2011
6
Added note for OPT1 option list.
Updated OPT2 option list for STM8S903K3 and created
OPT2 option list for STM8S903F3 in Section 13.1:
STM8S903K3/F3 FASTROM microcontroller option list
.
Updated UART1 interrupt vector addresses in Table 10:
Interrupt mapping
.
Updated note related to true open-drain outputs in
Table 6: STM8S903K3 UFQFPN32/LQFP32/SDIP32 pin
descriptions
and Table 5: TSSOP20/SO20/UFQFPN20
pin descriptions
.
Added UFQFPN20 package.
Removed CLK_CANCCR register from Table 8: General
hardware register map
.
Added note for Px_IDR registers in Table 7: I/O port
hardware register map
.
Updated the caption of Figure 62: STM8S903K3/F3
access line ordering information scheme(1)
.
Removed Typical HSI accuracy curve in High speed
internal RC oscillator (HSI)
Updated the value of recommended external capacitor
to 100 nF in Table 44: NRST pin characteristics.
Updated the disclaimer.
04-Apr-2012
7
Renamed internal reference voltage as internal bandgap
reference voltage.
Updated notes related to VCAP in Table 21: General
operating conditions
.
Added values of tR/tF for 50 pF load capacitance, and
updated note in Table 40: I/O static characteristics.
Updated typical and maximum values of RPU in
Table 40: I/O static characteristics
and Table 44: NRST
pin characteristics
.
Changed SCK input to SCK output in Table 45: SPI
characteristics
.
Modified Figure 51: UFQFPN20 package outline.
13-Jun-2012
8
Restored Figure 44: Typical application with ADC.
Modified Figure 51: UFQFPN20 package outline.
Table 61. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com