Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4SD32M16DG-75/XT Datasheet(PDF) 25 Page - Micross Components

Part # AS4SD32M16DG-75/XT
Description  Synchronous DRAM Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS4SD32M16DG-75/XT Datasheet(HTML) 25 Page - Micross Components

Back Button AS4SD32M16DG-75/XT Datasheet HTML 21Page - Micross Components AS4SD32M16DG-75/XT Datasheet HTML 22Page - Micross Components AS4SD32M16DG-75/XT Datasheet HTML 23Page - Micross Components AS4SD32M16DG-75/XT Datasheet HTML 24Page - Micross Components AS4SD32M16DG-75/XT Datasheet HTML 25Page - Micross Components AS4SD32M16DG-75/XT Datasheet HTML 26Page - Micross Components AS4SD32M16DG-75/XT Datasheet HTML 27Page - Micross Components AS4SD32M16DG-75/XT Datasheet HTML 28Page - Micross Components AS4SD32M16DG-75/XT Datasheet HTML 29Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
SDRAM
AS4SD32M16
AS4SD32M16
Rev. 2.0 10/13
Micross Components reserves the right to change products or specifications without notice.
25
TRUTH TABLE 4: CURRENT STATE BANK n, COMMAND TO BANK m1,2,3,4,5,6
CURRENT STATE CS\ RAS\ CAS\ WE\
COMMAND (ACTION)
NOTES
H
X
X
X
COMMAND INHIBIT (NOP/Continue previous operation)
L
H
H
H
NO OPERATION (NOP/Continue previous operation)
Idle
XXXX
Any Command Otherwise Allowed to Bank
m
L
L
H
H
ACTIVE (Select and active row)
L
H
L
H
READ (Select column and start READ burst)
7
L
H
L
L
WRITE (Select column and start WRITE burst)
7
L
L
H
L
PRECHARGE
L
L
H
H
ACTIVE (Select and active row)
L
H
L
H
READ (Select column and start new READ burst)
7, 10
L
H
L
L
WRITE (Select column and start WRITE burst)
7, 11
L
L
H
L
PRECHARGE
9
L
L
H
H
ACTIVE (Select and active row)
L
H
L
H
READ (Select column and start READ burst)
7, 12
L
H
L
L
WRITE (Select column and start new WRITE burst)
7, 13
L
L
H
L
PRECHARGE
9
L
L
H
H
ACTIVE (Select and active row)
L
H
L
H
READ (Select column and start new READ burst)
7, 8, 14
L
H
L
L
WRITE (Select column and start WRITE burst)
7, 8, 15
L
L
H
L
PRECHARGE
9
L
L
H
H
ACTIVE (Select and active row)
L
H
L
H
READ (Select column and start READ burst)
7, 8, 16
L
H
L
L
WRITE (Select column and start new WRITE burst)
7, 8, 17
L
L
H
L
PRECHARGE
9
Write
(Auto Precharge
Disabled)
Row Activating,
Active, or
Precharging
Read
(with Auto
Precharge)
Write
(with Auto
Precharge)
Any
Read
(Auto Precharge
Disabled)
NOTES:
1. This table applies when CKE
n-1 was HIGH and CKEn is HIGH (see Truth Table 2) and after tXSR has been met (if the previous
state was self refresh).
2. This table describes alternate bank operation, except where noted; i.e., the current state is for bank n and the commands shown
are those allowed to be issued to bank m (assuming bank m is in such a state that the given command is allowable). Exceptions
are covered in the notes below.
3. Current state definitions:
Idle:
The bank has been precharged, and t
RP has been met.
Row Active:
A row in the bank has been activated, and t
RCD has been met. No data bursts/accesses and no
register accesses are in progress.
Read:
A READ burst has been initiated, with auto precharge disabled, and has not yet terminated or been
terminated.
Write:
A WRITE burst has been initiated, with auto precharge disabled, and has not yet terminated or
been terminated.
Read w/ Auto
Precharge Enabled:
Starts with registration of a READ command with auto precharge enabled and ends when t
RP has
been met. Once t
RP is met, the bank will be in the idle state.
Write w/ Auto
Precharge Enabled:
Starts with registration of a WRITE command with auto precharge enabled and ends when t
RP has
been met. Once t
RP is met, the bank will be in the idle state.
4. AUTO REFRESH, SELF REFRESH and LOAD MODE REGISTER commands may only be issued when all banks are idle.
5. A BURST TERMINATE command cannot be issued to another bank; it applies to the bank represented by the current state
only.
6. All states and sequences not shown are illegal or reserved.
(continued on next page)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com