Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4SD32M16DG-75/XT Datasheet(PDF) 29 Page - Micross Components

Part # AS4SD32M16DG-75/XT
Description  Synchronous DRAM Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS4SD32M16DG-75/XT Datasheet(HTML) 29 Page - Micross Components

Back Button AS4SD32M16DG-75/XT Datasheet HTML 25Page - Micross Components AS4SD32M16DG-75/XT Datasheet HTML 26Page - Micross Components AS4SD32M16DG-75/XT Datasheet HTML 27Page - Micross Components AS4SD32M16DG-75/XT Datasheet HTML 28Page - Micross Components AS4SD32M16DG-75/XT Datasheet HTML 29Page - Micross Components AS4SD32M16DG-75/XT Datasheet HTML 30Page - Micross Components AS4SD32M16DG-75/XT Datasheet HTML 31Page - Micross Components AS4SD32M16DG-75/XT Datasheet HTML 32Page - Micross Components AS4SD32M16DG-75/XT Datasheet HTML 33Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
SDRAM
AS4SD32M16
AS4SD32M16
Rev. 2.0 10/13
Micross Components reserves the right to change products or specifications without notice.
29
SYM
MIN
MAX
UNITS
NOTES
CL = 3
tAC(3)
5.4
ns
27
CL = 2
tAC(2)
6ns
tAH
0.8
ns
tAS
1.5
ns
tCH
2.5
ns
tCL
2.5
ns
CL = 3
tCK(3)
7.5
ns
23
CL = 2
tCK(2)
10
ns
23
tCKH
0.8
ns
tCKS
1.5
ns
tCMH
0.8
ns
tCMS
1.5
ns
tDH
0.8
ns
tDS
1.5
ns
CL = 3
tHZ(3)
5.4
ns
10
CL = 2
tHZ(2)
6ns
10
tLZ
1ns
tOH
3ns
tOHN
1.8
ns
28
tRAS
44
80,000
ns
tRC
66
ns
tRCD
20
ns
tREF
64 / 24
ms
34
tRFC
66
ns
35
tRP
20
ns
tRRD
15
ns
tT
0.3
1.2
ns
7
1 CLK +
7.5ns
ns
24
15
ns
25
tXSR
75
ns
20, 35
Exit SELF REFRESH to ACTIVE command
Transition time
ACTIVE bank a to ACTIVE bank b command
PRECHARGE command period
CLK low-level width
Data-out hold time (load)
Data-out low-impedance time
Data-in setup time
Data-in hold time
tWR
PARAMETER
WRITE recovery time
AUTO REFRESH period
ACTIVE to READ or WRITE delay
Refresh period (8,192 rows)
ACTIVE to ACTIVE command
ACTIVE to PRECHARGE command
Data-out hold time (no load)
CLK high-level width
-75
Access time from CLK (pos. edge)
Clock cycle time
Data-out high-impedance time
CS\, RAS\, CAS\, WE\, DQM setup time
CS\, RAS\, CAS\, WE\, DQM hold time
CKE setup time
CKE hold time
Address hold time
Address setup time
ELECTRICAL CHARACTERISTICS AND RECOMMENDED AC OPERATING
CONDITIONS5,6,8,9,11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com