Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4SD32M16DG-75/XT Datasheet(PDF) 30 Page - Micross Components

Part # AS4SD32M16DG-75/XT
Description  Synchronous DRAM Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS4SD32M16DG-75/XT Datasheet(HTML) 30 Page - Micross Components

Back Button AS4SD32M16DG-75/XT Datasheet HTML 26Page - Micross Components AS4SD32M16DG-75/XT Datasheet HTML 27Page - Micross Components AS4SD32M16DG-75/XT Datasheet HTML 28Page - Micross Components AS4SD32M16DG-75/XT Datasheet HTML 29Page - Micross Components AS4SD32M16DG-75/XT Datasheet HTML 30Page - Micross Components AS4SD32M16DG-75/XT Datasheet HTML 31Page - Micross Components AS4SD32M16DG-75/XT Datasheet HTML 32Page - Micross Components AS4SD32M16DG-75/XT Datasheet HTML 33Page - Micross Components AS4SD32M16DG-75/XT Datasheet HTML 34Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
SDRAM
AS4SD32M16
AS4SD32M16
Rev. 2.0 10/13
Micross Components reserves the right to change products or specifications without notice.
30
NOTES:
1. All voltages referenced to V
SS.
2. This parameter is sampled. V
DD, VDDQ = +3.3V; f = 1 MHz,
T
A = 25°C; pin under test biased at 1.4V.
3. I
DD is dependent on output loading and cycle rates. Speci-
fied values are obtained with minimum cycle time and the
outputs open.
4. Enables on-chip refresh and address counters.
5. The minimum specifications are used only to indicate cycle
time at which proper operation over the full temperature range
is ensured:
(0°C < T
A < +125°C for XT), (-40°C < TA <
+85°C for IT), and (-45°C < T
A < +105°C for ET).
6. An initial pause of 100μs is required after power-up, followed
by two AUTO REFRESH commands, before proper device
operation is ensured. (V
DD and VDDQ must be powered up si-
multaneously. V
SS and VSSQ must be at the same potential.) The
two AUTO REFRESH command wake-ups should be repeated
any time the tREF refresh requirement is
exceeded.
7. AC characteristics assume t
T = 1ns.
8. In addition to meeting the transition rate specification, the
clock and CKE must transit between V
IH and VIL (or between
V
IL and VIH) in a monotonic manner.
9. Outputs measured at 1.5V with equivalent load:
10. t
HZ defines the time at which the output achieves the open
circuit condition; it is not a reference to V
OH or VOL. The last
valid data element will meet t
OH before going High-Z.
11. AC operating and I
DD test conditions have VIL = 0V and
V
IH = 3.0V using a measurement reference level of 1.5V. If
the input transition time is longer than 1ns, then the timing is
measured from V
IL (MAX) and
V
IH (MIN) and no longer
from the 1.5V mid-point.
12. Other input signals are allowed to transition no more than
once every two clocks and are otherwise at valid V
IH or VIL
levels.
13. I
DD specifications are tested after the device is properly
initialized.
14. Timing actually specified by t
CKS; clock(s) specified as a
reference only at minimum cycle rate.
15. Timing actually specified by t
WR plus tRP; clock(s) specified
as a reference only at minimum cycle rate.
16. Timing actually specified by t
WR.
17. Required clocks are specified by JEDEC functionality and
are not dependent on any timing parameter.
18. The I
DD current will increase or decrease proportionally
according to the amount of frequency alteration for the test
condition.
19. Address transitions average one transition every two
clocks.
20. CLK must be toggled a minimum of two times during this
period.
21. Based on t
CK = 7.5ns for -75.
22. V
IH overshoot: VIL (MAX) = VDDQ = 2V for a pulse width
< 3ns, and the pulse width cannot be greater than one third of
the cycle rate. V
IL undershoot: VIL (MIN) = -2V for a pulse
width < 3ns.
23. The clock frequency must remain constant (stable clock is
defined as a signal cycling within timing constraints specified
for the clock pin) during access or precharge states (READ,
WRITE, including t
WR, and PRECHARGE commands). CKE
may be used to reduce the data rate.
24. Auto precharge mode only. The precharge timing budget
(t
RP) begins 7.5ns after the first clock delay, after the last WRITE
is executed. May not exceed limit set for precharge mode.
25. Precharge mode only.
26. JEDEC and PC100 specify three clock.
27. for -75 at CL = 3 with no load is 4.6ns and is guaranteed
by design.
28. Parameter guaranteed by design.
29. PC100 specifies a maximum of 4pF.
30. PC100 specifies a maximum of 5pF.
31. PC100 specifies a maximum of 6.5pF.
32. CL = 3 and tCK = 7.5ns.
33. CKE is HIGH during refresh command period t
RFC (MIN)
else CKE is LOW. The I
DD6 limit is actually a nominal value
and does not result in a fail value.
34. 64ms refresh for IT, ET temperature options, 24ms refresh
for XT temperature option.
35. Self refresh mode available for IT and ET only.
Q
50pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com