Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4SD32M16DG-75/XT Datasheet(PDF) 27 Page - Micross Components

Part # AS4SD32M16DG-75/XT
Description  Synchronous DRAM Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS4SD32M16DG-75/XT Datasheet(HTML) 27 Page - Micross Components

Back Button AS4SD32M16DG-75/XT Datasheet HTML 23Page - Micross Components AS4SD32M16DG-75/XT Datasheet HTML 24Page - Micross Components AS4SD32M16DG-75/XT Datasheet HTML 25Page - Micross Components AS4SD32M16DG-75/XT Datasheet HTML 26Page - Micross Components AS4SD32M16DG-75/XT Datasheet HTML 27Page - Micross Components AS4SD32M16DG-75/XT Datasheet HTML 28Page - Micross Components AS4SD32M16DG-75/XT Datasheet HTML 29Page - Micross Components AS4SD32M16DG-75/XT Datasheet HTML 30Page - Micross Components AS4SD32M16DG-75/XT Datasheet HTML 31Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
SDRAM
AS4SD32M16
AS4SD32M16
Rev. 2.0 10/13
Micross Components reserves the right to change products or specifications without notice.
27
*Stresses greater than those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device. This
is a stress rating only and functional operation of the device
at these or any other conditions above those indicated in the
operation section of this specification is not implied. Exposure
to absolute maximum rating conditions for extended periods
may affect reliability.
**Junction temperature depends upon package type, cycle
time, loading, ambient temperature and airflow, and humidity
(plastics).
ABSOLUTE MAXIMUM RATINGS*
Voltage on V
DD, VDDQ Supply
Relative to V
SS...................................-0.5V to +4.6V
Voltage on Inputs, NC or I/O Pins
Relative to V
SS...................................-0.5V to +4.6V
Operating Temperature, T
A (IT).......................-40°C to +85°C
Operating Temperature, T
A (ET)..................-40°C to +105°C
Operating Temperature, T
A (XT)...................-55°C to +125°C
Storage Temperature (plastic).......................-55°C to +150°C
Power Dissipation..............................................................1W
ELECTRICAL CHARACTERISTICS AND RECOMMENDED DC OPERATING CONDITIONS1,5,6
(V
DD, VDDQ = +3.3V ±0.3V)
PARAMETER
SYMBOL
MIN
MAX
UNITS
NOTES
Supply Voltage
VDD, VDDQ
3
3.6
V
Input High Voltage: Logic 1; All inputs
VIH
2.2
VDD+ 0.3
V22
Input Low Voltage: Logic 0; All inputs
VIL
-0.3
0.8
V
22
Input Leakage Current: Any input 0V < VIN < VDD
(All other pins not under test = 0V)
II
-5
5
μA
Output Leakage Current: DQs are disabled:
0V < VOUT < VDDQ
IOZ
-5
5
μA
Output Levels:
Output High Voltage (IOUT = -4mA)
VOH
2.4
---
V
Output Low Voltage (IOUT = 4mA)
VOL
---
0.4
V
I
DD
SPECIFICATIONS AND CONDITIONS1,5,6,11,13
(V
DD, VDDQ = +3.3V ±0.3V)
SYMBOL MAX (-75)
UNITS
NOTES
IDD1
140
mA
3, 18,
19, 32
IDD2
5mA
32
IDD3
50
mA
3, 12,
19, 32
IDD4
150
mA
3, 18,
19, 32
tRFC = tRFC (MIN)
IDD5
300
mA
tRFC = 7.81 μsIDD6
6mA
IDD7
6mA
4, 35
SELF REFRESH CURRENT: CKE < 0.2V
Operating Current: Burst Mode; Continuous Burst;
READ or WRITE: All banks active
Auto Refresh Current
CS\ = HIGH; CKE = HIGH
3, 12,
18, 19,
32, 33
PARAMETER
Operating Current: Active Mode;
Burst = 2; READ or WRITE; tRC = tRC (MIN)
Standby Current: Power-Down Mode;
All banks idle; CKE = LOW
Standby Current: Active Mode;
CKE = HIGH; CS\ = HIGH; All banks active after tRCD met;
No accesses in progress



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com