Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB5532B-5000JZX Datasheet(PDF) 28 Page - Microchip Technology

Part # USB5532B-5000JZX
Description  2-Port SS/HS USB Hub Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5532B-5000JZX Datasheet(HTML) 28 Page - Microchip Technology

Back Button USB5532B-5000JZX Datasheet HTML 24Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 25Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 26Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 27Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 28Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 29Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 30Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 31Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 68 page
background image
 2012 - 2015 Microchip Technology Inc.
DS00001679C-page 28
USB5532B
5.2.17.4
No Port Power Controls
This parameter requires setting the hubs power-on time to 0 for both USB 2.0 and USB 3.0 hubs. It also requires the
setting of the USB3 PWR_SW_CTL signal.
USB POWER-ON TIME (ADVANCED)
This parameter sets the USB power-on to power Good time in 2ms intervals for both the USB 2.0 and USB 3.0 hubs.
USB 3.0 NO POWER SWITCH SELECT
When enabled, the USB 3.0 hub operates in accordance with the USB 3.0 specification for No Power Switches.
5.2.17.5
USB 2.0 Over-Current Timer
This setting controls the signal filter on the OCS pin for the USB 2.0 hub. These settings should be controlled with care,
as the default configuration has been tested thoroughly.
The valid settings are:
• 50ns
• 1000ns
• 200ns
• 400ns
5.2.17.6
USB 3.0 Over-Current Timer
This setting controls the signal filter on the OCS pin for the USB 3.0 hub. These settings should be controlled with care,
as the default configuration has been tested thoroughly.
The valid settings are:
• 750ns
• 10000ns
• 1250ns
• 1500ns
5.2.18
USB2 PORT DP/DM PIN SWAP
This per-port setting internally swaps the DP and DM signals for the USB 2.0 port.
Port 0 = UFP
Port 1-7 = DFP ports 1-7
5.2.19
USB 2.0 PORT HS OUTPUT CURRENT
This per-port setting boosts the USB High-Speed driver output.
Port 0 = UFP
Port 1-7 = DFP ports 1-7
Settings are defined within the Protouch tool.
5.2.20
USB 2.0 PORT SQUELCH
This per-port setting modifies the USB input squelch setting.
Port 0 = UFP
Port 1-7 = DFP ports 1-7
Settings are defined within the Protouch tool.
5.2.21
USB 2.0 HUB ADVANCED CONTROLS
The settings in the following sub-sections are advanced controls, which most applications will not require to be set, since
the default configurations allow seamless operation. Only advanced users/applications should override the default con-
figurations detailed here.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com