Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB5532B-5000JZX Datasheet(PDF) 29 Page - Microchip Technology

Part # USB5532B-5000JZX
Description  2-Port SS/HS USB Hub Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5532B-5000JZX Datasheet(HTML) 29 Page - Microchip Technology

Back Button USB5532B-5000JZX Datasheet HTML 25Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 26Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 27Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 28Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 29Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 30Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 31Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 32Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 68 page
background image
USB5532B
DS00001679C-page 29
 2012 - 2015 Microchip Technology Inc.
5.2.21.1
USB 2.0 HS Disable
This setting disables USB High-Speed operation on the entire USB 2.0 hub.
5.2.21.2
USB 2.0 MTT Disable
This setting disables the Multi-TT operation on the entire USB 2.0 hub.
5.2.21.3
USB 2.0 FS EOP Disable
This setting disables the End Of Packet (EOP) generation of End Of Frame 1 (EOF1) when in Full-Speed mode.
5.2.22
UUID OVERRIDE
These controls allow the user to override the 128-bit UUID value within the device (set at the Microchip Factory as a
unique value for each device). By USB Specification, if multiple devices are connected within one system as a single
Compound Device, all UUID (within the BOS descriptor) should be set the same.
5.3
One-Time Programmable (OTP) Memory
The device contains an internal One-Time Programmable memory, which allows various configuration settings to be
configured for the end application. This memory requires a configuration to be created through the Microchip ProTouch
tool or by a Microchip FAE. The ProTouch tool then allows programming of this block over a USB 2.0 connection to a
Microsoft Windows Host.
There is also an option to support OTP programming via the SMBus interface. However, this method of OTP program-
ming is not preferred. Please contact your local Microchip FAE for more information on OTP programming via SMBus.
5.3.1
CONFIGURATION FILE CREATION
For information on configuration file creation, refer to the ProTouch tool.
5.4
External SPI
The device supports operation utilizing an external SPI Flash or ROM. In normal operation, the internal microcontroller
runs from the internal ROM. If an external SPI memory is implemented, the full Firmware image must be loaded into the
SPI.
When using an external SPI memory, there are two options available. The configuration can be loaded from the internal
OTP, or the internal OTP can be ignored and the configuration file loaded into the SPI memory.
Please contact your Microchip FAE for more information on how to obtain access to an external SPI memory image and
how to support the different configuration options.
For information on SPI interface connections, refer to Section 4.1, "SPI Interface," on page 13.
5.4.1
CONFIGURATION FILE CREATION
For information on configuration file creation, refer to the ProTouch tool.
5.5
SMBus Slave Interface
Typical block write and block read protocols are shown in Figure 5-6 and Figure 5-5. SMBus RAM buffer offset accesses
are performed using 7-bit slave addressing, a 16-bit SMBus RAM buffer offset field (for legacy and advanced modes,
respectively), and an 8-bit data field. The shading shown in the figures during a read or write indicates the hub is driving
data on the SM_DAT line; otherwise, host data is on the SM_DAT line.
The SMBus slave address assigned to the hub (0101100b or 0101101b) allows it to be identified on the SMBus. The
SMBus RAM buffer offset field is the internal offset in SMBus RAM to be accessed. The data field is the data that the
host is attempting to read/write from/to the SMBus RAM buffer.
For information on connecting the SMBus slave interface to a host, refer to Section 4.2, "SMBus Slave Interface," on
page 18.
Note:
Data bytes are transferred MSB first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com