Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB5532B-5000JZX Datasheet(PDF) 46 Page - Microchip Technology

Part # USB5532B-5000JZX
Description  2-Port SS/HS USB Hub Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5532B-5000JZX Datasheet(HTML) 46 Page - Microchip Technology

Back Button USB5532B-5000JZX Datasheet HTML 42Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 43Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 44Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 45Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 46Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 47Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 48Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 49Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 68 page
background image
 2012 - 2015 Microchip Technology Inc.
DS00001679C-page 46
USB5532B
5.6.22
PORT 2 POWER SELECT REGISTER
The bits in this register are configured via a configuration file. Users must not change the values of these settings
dynamically.
5.6.23
PORT 1 OCS SELECT REGISTER
The bits in this register are configured via a configuration file. Users must not change the values of these settings
dynamically.
TABLE 5-39:
PORT 2 POWER SELECT REGISTER
PRT_PWR_SEL2
(0X3C04)
Port 2 Power Select
Bit
Name
R/W
Description
7
COMBINED_MODE
R/W
0 - The Port Power and over-current sense use separate pins.
1 - The Port Power and over-current sense use the same pins.
6
Reserved
R
Reserved
5
DISABLED
R/W
When set this disables the port. Used to inform the hub a port is
permanently disabled.
4
NR_DEVICE
R/W
When set indicates this port has a permanently attached device.
3:0
PRT_SEL
R/W
This selects the source for the port power for port1
0000b - Port Power is disabled for this Port.
0001b - Port is on if USB2 port power is on
0010b - Port is on if USB3 port power is on
0011b - Port is on if USB2 or USB3 port power is on
0100b - Port is on if designated GPIO is on
All other values are reserved.
Note:
The port disable, port non-removable and combined mode bits must be set through a configuration file to
ensure functionality when the part enumerates.
TABLE 5-40:
PORT 1 OCS SELECT REGISTER
OCS_CFG_SEL1
(0X3C20)
Port 1 OCS Select
Bit
Name
R/W
Description
7:4
Reserved
R/W
Reserved.
3:0
OCS_SEL
R/W
This selects the source for the port power for port1
0000b - The port is disabled
0001b - OCS comes from OCS pin
0010b - OCS comes from GPIO
1111b - OCS is force on (for testing)
All other values are reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com