Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB5532B-5000JZX Datasheet(PDF) 17 Page - Microchip Technology

Part # USB5532B-5000JZX
Description  2-Port SS/HS USB Hub Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5532B-5000JZX Datasheet(HTML) 17 Page - Microchip Technology

Back Button USB5532B-5000JZX Datasheet HTML 13Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 14Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 15Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 16Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 17Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 18Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 19Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 20Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 68 page
background image
 2012 - 2015 Microchip Technology Inc.
DS00001679C-page 17
USB5532B
4.1.4.3
COMMAND ONLY PROGRAM EXAMPLE
To perform a single byte command such as the following:
- - WRDI
-- WREN
- - EWSR
- - CHIP_ERASE
- - EBSY
- - DBSY
The device writes the opcode into the first byte of the SPI_CMD_BUF and the SPI_CMD_LEN is set to one. The device
first drops SPI_CE, then 8 bits of the command are clocked out on the SPI_DO pin. The SPI_DI is not used in this exam-
ple.
4.1.4.4
JEDEC-ID READ EXAMPLE
To perform a JEDEC-ID command, the device writes 0x9F into the first byte of the SPI_CMD_BUF and the length of the
transfer is 4 bytes. The device first drops SPI_CE_N, then 8 bits of the command are clocked out, followed by the 24
bits of dummy bytes (due to the length being set to 4) on the SPI_DO pin. When the transfer is complete, the SPI_CE_N
goes high. After the first byte, the data on SPI_DI is clocked into the SPI_RSP_BUF. At the end of the command, there
are three valid bytes in the SPI_RSP_BUF. In this example, 0xBF, 0x25, 0x8E.
FIGURE 4-8:
SPI COMMAND ONLY SEQUENCE
SPI_CEN
SPI_CLK
12 3 4
05
7
6
SPI_DO
SPI_DI
Command
MSB
HIGH IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com