Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB5532B-5000JZX Datasheet(PDF) 40 Page - Microchip Technology

Part # USB5532B-5000JZX
Description  2-Port SS/HS USB Hub Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5532B-5000JZX Datasheet(HTML) 40 Page - Microchip Technology

Back Button USB5532B-5000JZX Datasheet HTML 36Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 37Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 38Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 39Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 40Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 41Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 42Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 43Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 68 page
background image
 2012 - 2015 Microchip Technology Inc.
DS00001679C-page 40
USB5532B
5.6.5
LED1/PIO1 REGISTER 2
5.6.6
VBUS AND OCS PULL-DOWN REGISTER
TABLE 5-22:
LED1/PIO1 REGISTER 2
LED1_CTL2
(0X0809)
LED1_PIO1 Control Register
Bit
Name
R/W
Description
7:2
TRAILOFF_TIME
R/W
In Blink mode: Time the LED must continue blinking after LED_ON is
turned off. TRAIL_TIME is in 50ms increments. Range is 50 ms to 3.15
seconds.
In Breath mode: This is the time for an sleeping in between breadths in
500 ms increments.
1
LED_ON
R/W
If LED_ON is set, then start blinking or breathing this LED.
Blink timer starts when this bit is enabled. No short blinks permitted. When
this bit is disabled, blinking stops when TRAIL_TIME expires.
In Breath Mode: Breath timer starts when this bit is enabled. No short
blinks permitted. When this bit is disabled, blinking stops immediately.
0
LED_GPIO
R/W
‘0’ = PIO1
‘1’ = LED1
TABLE 5-23:
VBUS AND OCS PULL-DOWN REGISTER
VBUS_OCS_PD
(0X082D)
VBUS and OCS Pull-Down Register
Bit
Name
R/W
Description
7:5
Reserved
R/W
Reserved
4
OCS4
R/W
“0” = Disables the pull-down resistor on the OCS4 pin.
“1” = Enables the pull-down resistor on the OCS4 pin.
3
OCS3
R/W
“0” = Disables the pull-down resistor on the OCS3 pin.
“1” = Enables the pull-down resistor on the OCS3 pin.
2
OCS2
R/W
“0” = Disables the pull-down resistor on the OCS2 pin.
“1” = Enables the pull-down resistor on the OCS2 pin.
1
OCS1
R/W
“0” = Disables the pull-down resistor on the OCS1 pin.
“1” = Enables the pull-down resistor on the OCS1 pin.
0
VBUS
R/W
“0” = Disables the pull-down resistor on the VBUS pin.
“1” = Enables the pull-down resistor on the VBUS pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com