Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB5532B-5000JZX Datasheet(PDF) 55 Page - Microchip Technology

Part # USB5532B-5000JZX
Description  2-Port SS/HS USB Hub Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5532B-5000JZX Datasheet(HTML) 55 Page - Microchip Technology

Back Button USB5532B-5000JZX Datasheet HTML 51Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 52Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 53Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 54Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 55Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 56Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 57Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 58Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 68 page
background image
USB5532B
DS00001679C-page 66
 2012 - 2015 Microchip Technology Inc.
6.5
Capacitance
Note 6-4
Capacitance TA = 25°C; fc = 1 MHz; VDD33 = 3.3 V
6.5.1
PACKAGE THERMAL SPECIFICATIONS
Thermal parameters are measured or estimated for devices with the exposed pad soldered to thermal vias in a multi-
layer 2S2P PCB per JESD51. Thermal resistance is measured from the die to the ambient air. The values provided are
based on the package body, die size, maximum power consumption, 70°C ambient temperature, and 125°C junction
temperature of the die.
Use the following formulas to calculate the junction temperature:
TJ = P x
JA + TA
TJ = P x
JT + TT
TJ = P x
JC + TC
TABLE 6-3:
PIN CAPACITANCE
Limits
Parameter
Symbol
MIN
TYP
MAX
Unit
Test Condition
Clock Input Capacitance
CXTAL
2
pF
All pins except USB pins and the pins
under the test tied to AC ground
Input Capacitance
CIN
5pF
Output Capacitance
COUT
10
pF
Symbol
USB5532B
(°C/W)
VELOCITY
(Meter/s)
JA
23.0
0
JT
0.1
0
JC
1.4
0
Symbol
Description
TJ
Junction temperature
P
Power dissipated
JA
Junction-to-ambient-temperature
JC
Junction-to-top-of-package
JT
Junction-to-bottom-of-case
TA
Ambient temperature
TC
Temperature of the bottom of the case
TT
Temperature of the top of the case



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com