Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB5532B-5000JZX Datasheet(PDF) 14 Page - Microchip Technology

Part # USB5532B-5000JZX
Description  2-Port SS/HS USB Hub Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5532B-5000JZX Datasheet(HTML) 14 Page - Microchip Technology

Back Button USB5532B-5000JZX Datasheet HTML 10Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 11Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 12Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 13Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 14Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 15Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 16Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 17Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 68 page
background image
USB5532B
DS00001679C-page 14
 2012 - 2015 Microchip Technology Inc.
4.1.2
OPERATION OF THE DUAL HI-SPEED READ SEQUENCE
The SPI controller also supports dual data mode (at 30 MHz SPI speed only). When configured in dual mode, the SPI
controller will automatically handle reads going out to the SPI ROM. When the controller detects a read, the controller
drops the SPI_CE_N, and puts out a 0x3B, followed by the 24-bit address. The SPI controller then puts out a DUMMY
byte. The next four clocks clock in the first byte. The data appears two bits at a time on data out and data in. When the
first byte is clocked in a ready signal is sent back to the processor, and the processor gets one byte.
After the processor gets the first byte, the address will change. If the address is one more than the last address, the SPI
controller will clock out one more byte. If the address in anything other than one more than the last address, the SPI
controller will terminate the transaction by taking SPI_CE_N high. As long as the addresses are sequential, the SPI Con-
troller will keep clocking in data.
FIGURE 4-2:
SPI HI-SPEED READ SEQUENCE
FIGURE 4-3:
SPI DUAL HI-SPEED READ OPERATION
SPI_CEN
SPI_CLK
SPI_DO
SPI_DI
8
0B
MSB
HIGH IMPEDANCE
15 16
12 3 4
05
7
6
DOUT
ADD.
23 24
ADD.
ADD.
X
39 40
31 32
47 48
55 56
63 64
71 72
80
DOUT
NN+1
DOUT
N+2
DOUT
N+3
DOUT
N+4
MSB
MSB
SPI
CONTROLLER
SPI
ROM
2-Serial to
8-Parallel
CE#
CLK
SI
SO
ADDRESS
CONTROL
CACHE
SPI_DI
USB Hub



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com