Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FT4222HQ-C-R Datasheet(PDF) 24 Page - Future Technology Devices International Ltd.

Part # FT4222HQ-C-R
Description  USB2.0 to QuadSPI/I2C Bridge IC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT4222HQ-C-R Datasheet(HTML) 24 Page - Future Technology Devices International Ltd.

Back Button FT4222HQ-C-R Datasheet HTML 20Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 21Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 22Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 23Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 24Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 25Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 26Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 27Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 28Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 49 page
background image
Copyright © Future Technology Devices International Limited
24
FT4222H USB2.0 TO QUADSPI/I2C BRIDGE IC
1.3
Document No.: FT_001011 Clearance No.: FTDI#405
6
Devices Characteristics and Ratings
6.1
Absolute Maximum Ratings
The absolute maximum ratings for the FT4222H devices are as follows. These are in accordance with the
Absolute Maximum Rating System (IEC 60134). Exceeding these may cause permanent damage to the
device.
Parameter
Value
Unit
Conditions
Storage Temperature
-65°C to 150°C
Degrees C
Floor Life (Out of Bag) At Factory Ambient
(30°C / 60% Relative Humidity)
168 Hours
(IPC/JEDEC J-
STD-033A MSL
Level 3
Compliant)*
Hours
Ambient Operating Temperature (Power
Applied)
-40°C to 85°C
Degrees C
MTTF FT4222H
TBD
Hours
VCCIN Supply Voltage
-0.3 to +5.5
V
VCCIO IO Voltage
-0.3 to +4.0
V
VPP Supply Voltage
6.5±0.25
V
DC Input Voltage – USBDP and USBDM
-0.5 to +3.63
V
DC Input Voltage – High Impedance
Bi-directional (powered from VCCIO)
-0.3 to
+(VCCIO+0.5V)
V
DC Output Current – Outputs
100 **
mA
Table 6.1 Absolute Maximum Ratings
* If devices are stored out of the packaging beyond this time limit the devices should be baked before
use. The devices should be ramped up to a temperature of +125°C and baked for up to 17 hours.
** This DC output current is also the power supply source for FT4222H operation. If it must be the source
for other component on the system, it only can supply 25mA or less.
6.2
ESD and Latch-up Specifications
Description
Specification
Human Body Mode (HBM)
> ± 2kV
Machine mode (MM)
> ± 200V
Charged Device Mode (CDM)
> ± 500V
Latch-up
> ± 200mA
Table 6.2 ESD and Latch-Up Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com