Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FT4222HQ-C-R Datasheet(PDF) 42 Page - Future Technology Devices International Ltd.

Part # FT4222HQ-C-R
Description  USB2.0 to QuadSPI/I2C Bridge IC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT4222HQ-C-R Datasheet(HTML) 42 Page - Future Technology Devices International Ltd.

Back Button FT4222HQ-C-R Datasheet HTML 38Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 39Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 40Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 41Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 42Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 43Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 44Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 45Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 46Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 49 page
background image
Copyright © Future Technology Devices International Limited
42
FT4222H USB2.0 TO QUADSPI/I2C BRIDGE IC
1.3
Document No.: FT_001011 Clearance No.: FTDI#405
10
Package Parameters
The FT4222H is available in a VQFN-32 package. The solder reflow profile for VQFN-32 is described in
Section 10.3.
10.1
VQFN-32 Package Mechanical Dimensions
Figure 10.1 VQFN-32 Package Dimensions
The FT4222H is supplied in a RoHS compliant leadless VQFN-32 package. The package is lead (Pb) free,
and uses a ‘green’ compound. The package is fully compliant with European Union directive 2002/95/EC.
This package is nominally 5.00mm x 5.00mm. The solder pads are on a 0.5mm pitch. The above
mechanical drawing shows the VQFN-32 package. All dimensions are in millimetres.
The centre pad on the base of the FT4222H is internally connected to GND and the PCB should not have
signal tracking on the top layer under this area. Connect to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com