Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FT4222HQ-C-R Datasheet(PDF) 25 Page - Future Technology Devices International Ltd.

Part # FT4222HQ-C-R
Description  USB2.0 to QuadSPI/I2C Bridge IC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT4222HQ-C-R Datasheet(HTML) 25 Page - Future Technology Devices International Ltd.

Back Button FT4222HQ-C-R Datasheet HTML 21Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 22Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 23Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 24Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 25Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 26Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 27Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 28Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 29Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 49 page
background image
Copyright © Future Technology Devices International Limited
25
FT4222H USB2.0 TO QUADSPI/I2C BRIDGE IC
1.3
Document No.: FT_001011 Clearance No.: FTDI#405
6.3
DC Characteristics
DC Characteristics (Ambient Temperature = -40°C to +85°C)
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
VCC1
VCCIN Operating
Supply Voltage
4.5
5
5.5
V
VCCIN is supplied
with 5V
2.97
3.3
3.63V
V
VCCIN is supplied
with 3.3V
VCC2
VCCIO Operating
Supply Voltage
2.97
3.3
3.63
V
VCCIO is supplied
with 3.3V
2.25
2.5
2.75
V
VCCIO is supplied
with 2.5V
1.62
1.8
1.98
V
VCCIO is supplied
with 1.8V
Icc1
Operating Supply
Current
50
52
mA
Normal Operation
at 24MHz
62
64
mA
Normal Operation
at 48MHz
68
70
mA
Normal Operation
at 60MHz
78
80
mA
Normal Operation
at 80MHz
Icc2
Suspend Supply
Current
375
460
μA
USB Suspend
when SPI Master
377
465
μA
USB Suspend
when SPI Slave
386
419
μA
USB Suspend
when I2C Master
388
456
μA
USB Suspend
when I2C Slave
3V3
3.3v regulator output
2.97
3.3
3.63
V
VCCIN must be
greater than 3V3
otherwise
VOUT3V3 is an
input which must
be driven with
3.3V
Table 6.3 Operating Voltage and Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com