Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9779WD-SPI Datasheet(PDF) 68 Page - STMicroelectronics

Part # L9779WD-SPI
Description  Smart reset function
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD-SPI Datasheet(HTML) 68 Page - STMicroelectronics

Back Button L9779WD-SPI Datasheet HTML 64Page - STMicroelectronics L9779WD-SPI Datasheet HTML 65Page - STMicroelectronics L9779WD-SPI Datasheet HTML 66Page - STMicroelectronics L9779WD-SPI Datasheet HTML 67Page - STMicroelectronics L9779WD-SPI Datasheet HTML 68Page - STMicroelectronics L9779WD-SPI Datasheet HTML 69Page - STMicroelectronics L9779WD-SPI Datasheet HTML 70Page - STMicroelectronics L9779WD-SPI Datasheet HTML 71Page - STMicroelectronics L9779WD-SPI Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 141 page
background image
Functional description
L9779WD-SPI
68/141
DocID027721 Rev 2
Stepper is controlled by the logic AND between PWM input pin and PWM SPI bit. Thus to
control it by PWM input, SPI PWM bit must be set first, and to do it by SPI PWM bit, PWM
input pin must be set first.
If the bit EN=1, the writing of bit PWM from 0 to 1 leads to the next step of the turn on
sequence. The writing of bit PWM to 0 left unchanged the MOS of the bridge that is ON. The
step is done only if the PWM bit goes from 0 to 1.
The order of the turn-on sequence is defined by the bit DIR.
The initial stepper position, after power-on, is the one with OUTA_HS, OUTB_LS ON in
Hbridge1 and with OUTD_HS, OUTC_LS ON in Hbridge2.
If configured as H-bridges the internal logic prohibits that the low-side and the high-side
switch of the same half-bridge will be switched on simultaneously.
In the below diagram the stepper motor operation is available.
Table 29. Configuration of the stepper motor
PWM
EN
DIR
H-bridge 1 Power on
H-bridge 2 Power on
X
0
X
None
None
11
1
OUTA_HS, OUTB_LS
OUTD_HS, OUTC_LS
1
1
1
OUTA_HS, OUTB_LS
OUTC_HS, OUTD_LS
1
1
1
OUTB_HS, OUTA_LS
OUTC_HS, OUTD_LS
1
1
1
OUTB_HS, OUTA_LS
OUTD_HS, OUTC_LS
11
0
OUTA_HS, OUTB_LS
OUTD_HS, OUTC_LS
1
1
0
OUTB_HS, OUTA_LS
OUTD_HS, OUTC_LS
1
1
0
OUTB_HS, OUTA_LS
OUTC_HS, OUTD_LS
1
1
0
OUTA_HS, OUTB_LS
OUTC_HS, OUTD_LS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com