Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9779WD-SPI Datasheet(PDF) 45 Page - STMicroelectronics

Part # L9779WD-SPI
Description  Smart reset function
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD-SPI Datasheet(HTML) 45 Page - STMicroelectronics

Back Button L9779WD-SPI Datasheet HTML 41Page - STMicroelectronics L9779WD-SPI Datasheet HTML 42Page - STMicroelectronics L9779WD-SPI Datasheet HTML 43Page - STMicroelectronics L9779WD-SPI Datasheet HTML 44Page - STMicroelectronics L9779WD-SPI Datasheet HTML 45Page - STMicroelectronics L9779WD-SPI Datasheet HTML 46Page - STMicroelectronics L9779WD-SPI Datasheet HTML 47Page - STMicroelectronics L9779WD-SPI Datasheet HTML 48Page - STMicroelectronics L9779WD-SPI Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 141 page
background image
DocID027721 Rev 2
45/141
L9779WD-SPI
Functional description
140
6.7.2
MRD scenarios
Figure 23. Scenario 1a: Standard on/off MRD driver with NO power latch mode bit
PSOFF = 0
Table 17. Main relay driver electrical characteristics
Pin
Symbol
Parameter
Test condition
Min
Typ
Max Unit
MRD
RDS-on
Drain –source resistance
Iload = 0.4 A; Vbat = 0 &
13.5 V
--
2.4
IOUTlk MRD
Output leakage current
Vpin = 13.5 V; Vbat = 0 &
13.5 V
-
-
10
µA
VS/R
Voltage S/R on/off
R = 21
, C = 10 nF;
Vbat = 0 & 13.5 V
1
-
10
V/µs
Vcl
Output clamping voltage
Vbat = 0 & 13.5 V
42
-
55
V
Imax
Output current
Design info
-
0.6
A
IOVC
Over current threshold
Vbat = 0 & 13.5 V
0.7
-
1.4
A
TFILTEROVC
Over current filtering time
Test by SCAN
5.25
7
8.75
us
VB_UV
VB threshold for MRD
active
Vbat = 0 & 13.5 V
-
-
4.15
V
PWclampSP
Clamp single pulse ATE
test
Iload = 0.5 A; single pulse
-
-
15
mJ
PWclampRP
Clamp repetitive pulses
reliability test
Iload = 0.25 A
Freq =1 Hz; 1 Mpulse
--
4
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com