Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9779WD-SPI Datasheet(PDF) 82 Page - STMicroelectronics

Part # L9779WD-SPI
Description  Smart reset function
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD-SPI Datasheet(HTML) 82 Page - STMicroelectronics

Back Button L9779WD-SPI Datasheet HTML 78Page - STMicroelectronics L9779WD-SPI Datasheet HTML 79Page - STMicroelectronics L9779WD-SPI Datasheet HTML 80Page - STMicroelectronics L9779WD-SPI Datasheet HTML 81Page - STMicroelectronics L9779WD-SPI Datasheet HTML 82Page - STMicroelectronics L9779WD-SPI Datasheet HTML 83Page - STMicroelectronics L9779WD-SPI Datasheet HTML 84Page - STMicroelectronics L9779WD-SPI Datasheet HTML 85Page - STMicroelectronics L9779WD-SPI Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 141 page
background image
Functional description
L9779WD-SPI
82/141
DocID027721 Rev 2
Figure 54. ISO serial line switching waveform
Figure 55. ISO serial line: short circuit protection
K_LINE,
K_RX
TpHLK
K_RX turn-on delay
time
Cload = 20 pF
-
-
4
µs
TpLHK
K_RX turn-off delay
time
Cload = 20 pF
-
-
4
µs
Table 39. ISO serial line (K-LINE) functionality electrical characteristic (continued)
Pin
Symbol
Parameter
Test condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com