Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9779WD-SPI Datasheet(PDF) 75 Page - STMicroelectronics

Part # L9779WD-SPI
Description  Smart reset function
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD-SPI Datasheet(HTML) 75 Page - STMicroelectronics

Back Button L9779WD-SPI Datasheet HTML 71Page - STMicroelectronics L9779WD-SPI Datasheet HTML 72Page - STMicroelectronics L9779WD-SPI Datasheet HTML 73Page - STMicroelectronics L9779WD-SPI Datasheet HTML 74Page - STMicroelectronics L9779WD-SPI Datasheet HTML 75Page - STMicroelectronics L9779WD-SPI Datasheet HTML 76Page - STMicroelectronics L9779WD-SPI Datasheet HTML 77Page - STMicroelectronics L9779WD-SPI Datasheet HTML 78Page - STMicroelectronics L9779WD-SPI Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 141 page
background image
DocID027721 Rev 2
75/141
L9779WD-SPI
Functional description
140
Figure 52. Short to GND detection during “on” phase
Table 34. Stepper configuration electrical characteristics
Pin
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
OUT
A to D
VOutnorm
OUT(21,22),
OUT(23,24),
OUT(25,27),
OUT(26,28) output
voltage
OUT(21,22) short to
OUT(23,24);
OUT(25,27) short to
OUT(26,28);
2.3
-
2.7
V
HVTH
Diagnostic high
threshold
Driver in OFF condition
VOutnorm
+120mV
-3
V
LVTH
Diagnostic low
threshold
Driver in OFF condition
1.9
-
VOutnorm
-200mV
V
IOVC
Over current
threshold
-1
-
2.1
A
I_OPEN_LOAD
Output open load
threshold current
-10
-
90
mA
IOUT_PD_A+B
or C+D
Output diagnostic
pull down current
OFF STATE
Vpin = 5 V
200
-
350
µA
IOUT_PU_A+B
or C+D
Output diagnostic
pull up current OFF
STATE
Vpin = 1.5 V
50
-
150
µA
Ropenl
Open load resistor
threshold
Application note
150
-
-
kΩ
Tdgc_ON
Deglitch filter time in
ON condition
Test by scan
-25%
10
+25%
µs
Tdgc_OFF
-
Test by scan
-25%
125
+25%
µs
Tdgc_ol_on
-
Test by scan
-25%
20
+25%
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com