Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9779WD-SPI Datasheet(PDF) 86 Page - STMicroelectronics

Part # L9779WD-SPI
Description  Smart reset function
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD-SPI Datasheet(HTML) 86 Page - STMicroelectronics

Back Button L9779WD-SPI Datasheet HTML 82Page - STMicroelectronics L9779WD-SPI Datasheet HTML 83Page - STMicroelectronics L9779WD-SPI Datasheet HTML 84Page - STMicroelectronics L9779WD-SPI Datasheet HTML 85Page - STMicroelectronics L9779WD-SPI Datasheet HTML 86Page - STMicroelectronics L9779WD-SPI Datasheet HTML 87Page - STMicroelectronics L9779WD-SPI Datasheet HTML 88Page - STMicroelectronics L9779WD-SPI Datasheet HTML 89Page - STMicroelectronics L9779WD-SPI Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 141 page
background image
Functional description
L9779WD-SPI
86/141
DocID027721 Rev 2
CAN_H
CAN_L
VTHrec
Differential receiver
threshold voltage
dominant to
recessive state
Active mode
0.5
-
-
V
SRH
CANH slew rate
between 10% and
90%
-5
-
35
V/µs
SRL
CANL slew rate
between 10% and
90%
-5
-
35
V/µs
DIFF_SR
Slew rate difference
between CANH and
CANL
--
-
60
%
SRVDIFF
Slew rate of
Vdiff = VCANH-VCANL
-
12
-
100
V/µs
VTHhys
VTHdom - VTHrec
hysteresis
-25
-
50
mV
Table 40. CAN transceiver electrical characteristics (continued)
Pin
Symbol
Description
Test conditions
Min
Typ
Max
Unit
Table 41. CAN transceiver timing characteristics
Symbol
Description
Test conditions
Min
Typ
Max
Unit
tTXpd,hl
Propagation delay TX_CAN
to RX_CAN (High to Low)
Guaranteed by design.
Active mode; 50% VTX_CAN to
50% VRX_CAN; CL=100 pF;
CRX_CAN = 15 pF; RL = 60 Ω;
0-
255
ns
CRX_CAN = 100 pF
@Troom and Tcold
--
265
ns
CRX_CAN = 100 pF
@Thot
--
275
ns
tTXpd,lh
Propagation delay TX_CAN
to RX_CAN (Low to High)
Guaranteed by design.
Active mode; 50% VTX_CAN to
50% VRX_CAN; CL = 100 pF;
CRX_CAN = 15 pF; RL = 60 Ω;
0-
255
ns
CRX_CAN = 100 pF
@Troom and Tcold
--
265
ns
CRX_CAN = 100 pF
@Thot
--
275
ns
tdom(TX_CAN) TX_CAN dominant time-out Tested by scan
525
700
875
µs
tCAN
CAN permanent dominant
time-out
Tested by scan
-
700
-
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com