Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9779WD-SPI Datasheet(PDF) 96 Page - STMicroelectronics

Part # L9779WD-SPI
Description  Smart reset function
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD-SPI Datasheet(HTML) 96 Page - STMicroelectronics

Back Button L9779WD-SPI Datasheet HTML 92Page - STMicroelectronics L9779WD-SPI Datasheet HTML 93Page - STMicroelectronics L9779WD-SPI Datasheet HTML 94Page - STMicroelectronics L9779WD-SPI Datasheet HTML 95Page - STMicroelectronics L9779WD-SPI Datasheet HTML 96Page - STMicroelectronics L9779WD-SPI Datasheet HTML 97Page - STMicroelectronics L9779WD-SPI Datasheet HTML 98Page - STMicroelectronics L9779WD-SPI Datasheet HTML 99Page - STMicroelectronics L9779WD-SPI Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 141 page
background image
Functional description
L9779WD-SPI
96/141
DocID027721 Rev 2
6.14.4
Diagnosis test
After the request of diagnosis by SPI, the diagnosis routine tests the sensor presence or
vacancy and the short circuit to GND or Vbat. When the system is in diagnosis status the
flying wheel interface function doesn't operate. The diagnosis procedure has an operation
time of about min 5ms due to the external transient
The result of diagnosis routine is valid only if the engine is switched off and if the sensor is a
variable reluctance sensor.
In the last operation of the diagnosis protocol writes the diagnosis result in VRSdiag bit and
writes the operative status in VRSstatus bit. If a new request is sent the new value is
overwritten.
Figure 69. Diagnosis test diagram
Table 46. Diagnosis test electrical characteristics
Pin
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
VrsP
VrsM
ViThL
Input high-to-low
differential
threshold voltage
--50
0
50
mV
VCM
Common mode
operating range
Not to be tested. It is an
application note.
01.653
V
VclpH
Input high
clamping voltage
|VRS_INP| = |VRS_INM| = 20 mA 3.3 -0.3
-
3.3 +0.3
V
VclpL
Input low
clamping voltage
|VRS_INP| = |VRS_INM| = 20 mA
-1.5
-
-0.3
V
Vopenload
Output open load
voltage
VRS_INP = VRS_INM Vopenload
Mode R enabled
1.5
(3.3) /2
1.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com