| Electronic Components Datasheet Search |
|
STM32F102xx Datasheet(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F102xx Datasheet(HTML) 7 Page - STMicroelectronics |
|
7 / 41 page ![]() DocID14574 Rev 13 7/41 STM32F10xx8 STM32F10xxB ARM® 32-bit Cortex®-M3 limitations 1 ARM® 32-bit Cortex®-M3 limitations An errata notice of the STM32F10xxx core is available from the following web address: http://infocenter.arm.com. All the described limitations are minor and related to the revision r1p1-01rel0 of the Cortex- M3 core. Table 3 summarizes these limitations and their implications on the behavior of medium-density STM32F10xxx devices. Table 3. Cortex-M3 core limitations and impact on microcontroller behavior ARM ID ARM category ARM summary of errata Impact on medium-density STM32F10xxx devices 752419 Cat 2 Interrupted loads to SP can cause erroneous behavior Minor 740455 Cat 2 SVC and BusFault/MemManage may occur out of order Minor 602117 Cat 2 LDRD with base in list may result in incorrect base register when interrupted or faulted Minor 563915 Cat 2 Event register is not set by interrupts and debug Minor 531064 impl SWJ-DP missing POR reset sync No 511864 Cat 3 Cortex-M3 may fetch instructions using incorrect privilege on return from an exception No 532314 Cat 3 DWT CPI counter increments during sleep No 538714 Cat 3 Cortex-M3 TPIU clock domain crossing No 548721 Cat 3 Internal write buffer could be active whilst asleep No 463763 Cat 3 BKPT in debug monitor mode can cause DFSR mismatch Minor 463764 Cat 3 Core may freeze for SLEEPONEXIT single instruction ISR Minor 463769 Cat 3 Unaligned MPU fault during a write may cause the wrong data to be written to a successful first access No |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |