Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F102xx Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32F102xx
Description  This errata sheet applies to the revisions
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F102xx Datasheet(HTML) 1 Page - STMicroelectronics

  STM32F102xx Datasheet HTML 1Page - STMicroelectronics STM32F102xx Datasheet HTML 2Page - STMicroelectronics STM32F102xx Datasheet HTML 3Page - STMicroelectronics STM32F102xx Datasheet HTML 4Page - STMicroelectronics STM32F102xx Datasheet HTML 5Page - STMicroelectronics STM32F102xx Datasheet HTML 6Page - STMicroelectronics STM32F102xx Datasheet HTML 7Page - STMicroelectronics STM32F102xx Datasheet HTML 8Page - STMicroelectronics STM32F102xx Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
November 2015
DocID14574 Rev 13
1/41
STM32F10xx8 STM32F10xxB
Errata sheet
STM32F101x8/B, STM32F102x8/B and STM32F103x8/B
medium-density device limitations
Silicon identification
This errata sheet applies to the revisions B, Z, Y, 1, 2, 3 and X of the STMicroelectronics
medium-density STM32F101xx access line and STM32F103xx performance line products,
and to revision Y, 1, 2 and X of the STM32F102xx USB access line devices.
These families feature an ARM® 32-bit Cortex®-M3 core, for which an errata notice is also
available (see Section 1 for details).
The full list of root part numbers is shown in Table 2.
The products are identifiable as shown in Table 1:
•
by the Revision code marked below the order code on the device package
•
by the last three digits of the Internal order code printed on the box label
Table 1. Device identification(1)
1. The REV_ID bits in the DBGMCU_IDCODE register show the revision code of the device (see the
STM32F10xxx reference manual for details on how to find the revision code).
Order code
Revision code(2) marked on device
2. Refer to Appendix A: Revision code on device marking for details on how to identify the Revision code on
the different packages.
STM32F101xxxx(3)
3. Are also concerned all devices with 32 KB of Flash memory that do not have the letter A in their order
code.
“B”, “Z”, “Y” or “1” or “2” or “3”or “X”
STM32F102xxxx(3)
“Y” or “1” or “2” or “3” or “X”
STM32F103xxxx(3)
“B”, “Z”, “Y” or “1” or “2” or “3” or “X”
Table 2. Device summary
Reference
Part number
STM32F101xx
STM32F101C8, STM32F101R8, STM32F101V8, STM32F101T8
STM32F101RB, STM32F101VB, STM32F101CB
STM32F102xx
STM32F102C8, STM32F102R8
STM32F102CB, STM32F102RB
STM32F103xx
STM32F103C8, STM32F103R8, STM32F103V8, STM32F103T8
STM32F103RB STM32F103VB, STM32F103CB
www.st.com


Similar Part No. - STM32F102xx

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F102XX STMICROELECTRONICS-STM32F102XX Datasheet
12Mb / 1134P
STM32F101xx, STM32F102xx, STM32F103xx, STM32F105xx and STM32F107xx advanced Arm-based 32-bit MCUs
14-Dec-2018
More results

Similar Description - STM32F102xx

ManufacturerPart #DatasheetDescription
logo
Soberton Inc.
GT-1204A SOBERTON-GT-1204A Datasheet
315Kb / 3P
THIS SPECIFICATION APPLIES TO THE MAGNETIC BUZZER
logo
STMicroelectronics
SPC56EL70XX STMICROELECTRONICS-SPC56EL70XX Datasheet
218Kb / 15P
This errata sheet describes all the functional
07-Oct-2014
logo
Soberton Inc.
ST-025BH SOBERTON-ST-025BH_17 Datasheet
412Kb / 5P
THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
ST-0503 SOBERTON-ST-0503_17 Datasheet
367Kb / 5P
THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
ST-1411 SOBERTON-ST-1411_17 Datasheet
345Kb / 4P
THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
WT-2505 SOBERTON-WT-2505_17 Datasheet
312Kb / 5P
THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
WT-1201 SOBERTON-WT-1201_17 Datasheet
268Kb / 5P
THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
WST-1612S SOBERTON-WST-1612S_16 Datasheet
340Kb / 5P
THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
WST-1307S SOBERTON-WST-1307S Datasheet
290Kb / 5P
THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
WST-0905S SOBERTON-WST-0905S_16 Datasheet
300Kb / 5P
THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com