Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F102xx Datasheet(PDF) 23 Page - STMicroelectronics

Part # STM32F102xx
Description  This errata sheet applies to the revisions
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F102xx Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STM32F102xx Datasheet HTML 19Page - STMicroelectronics STM32F102xx Datasheet HTML 20Page - STMicroelectronics STM32F102xx Datasheet HTML 21Page - STMicroelectronics STM32F102xx Datasheet HTML 22Page - STMicroelectronics STM32F102xx Datasheet HTML 23Page - STMicroelectronics STM32F102xx Datasheet HTML 24Page - STMicroelectronics STM32F102xx Datasheet HTML 25Page - STMicroelectronics STM32F102xx Datasheet HTML 26Page - STMicroelectronics STM32F102xx Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
DocID14574 Rev 13
23/41
STM32F10xx8 STM32F10xxB
STM32F10xx8 and STM32F10xxB silicon limitations
Sequence 2
:
a)
BTF = 1 (Data N-2 in DR and Data N-1 in shift register)
b)
Program ACK = 0
c)
Configure SCL I/O as GPIO open-drain output low
d)
Read Data N-2 in DR.
e)
Program STOP = 1,
f)
Read Data N-1.
g)
Configure SCL I/O as Alternate Function open drain
•
Workaround 2
Mask all active interrupts between the SET STOP and the READ data N-1 for
sequence 1; and between the READ data N-2, the SET STOP and the READ data N-1
for Sequence 2.
•
Workaround 3
Manage I2C RxNE events with DMA or interrupts with the highest priority level, so that
the condition BTF = 1 never occurs.
2.13.3
SMBus standard not fully supported
Description
The I2C peripheral is not fully compliant with the SMBus v2.0 standard since It does not
support the capability to NACK an invalid byte/command.
Workarounds
A higher-level mechanism should be used to verify that a write operation is being performed
correctly at the target device, such as:
1.
Using the SMBAL pin if supported by the host
2.
the alert response address (ARA) protocol
3.
the Host notify protocol
2.13.4
Wrong behavior of I2C peripheral in master mode after a misplaced
Stop
Description
If a misplaced Stop is generated on the bus, the peripheral cannot enter master mode
properly:
•
If a void message is received (START condition immediately followed by a STOP): the
BERR (bus error) flag is not set, and the I2C peripheral is not able to send a start
condition on the bus after the write to the START bit in the I2C_CR2 register.
•
In the other cases of a misplaced STOP, the BERR flag is set. If the START bit is
already set in I2C_CR2, the START condition is not correctly generated on the bus and
can create bus errors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com