Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F102xx Datasheet(PDF) 32 Page - STMicroelectronics

Part # STM32F102xx
Description  This errata sheet applies to the revisions
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F102xx Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STM32F102xx Datasheet HTML 28Page - STMicroelectronics STM32F102xx Datasheet HTML 29Page - STMicroelectronics STM32F102xx Datasheet HTML 30Page - STMicroelectronics STM32F102xx Datasheet HTML 31Page - STMicroelectronics STM32F102xx Datasheet HTML 32Page - STMicroelectronics STM32F102xx Datasheet HTML 33Page - STMicroelectronics STM32F102xx Datasheet HTML 34Page - STMicroelectronics STM32F102xx Datasheet HTML 35Page - STMicroelectronics STM32F102xx Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
STM32F10xx8 and STM32F10xxB silicon limitations
STM32F10xx8 STM32F10xxB
32/41
DocID14574 Rev 13
1.
increase the APB1 frequency to a minimum of 13 MHz, or
2.
increase the APB1 frequency to a minimum of 10 MHz. Then program
USB_COUNTn_RX (via the BLSIZE and NUM_BLOCK[4:0] fields) to have more than
the number of bytes in the maximum packet size allocated for reception in the packet
buffer memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com