Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F102xx Datasheet(PDF) 16 Page - STMicroelectronics

Part # STM32F102xx
Description  This errata sheet applies to the revisions
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F102xx Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STM32F102xx Datasheet HTML 12Page - STMicroelectronics STM32F102xx Datasheet HTML 13Page - STMicroelectronics STM32F102xx Datasheet HTML 14Page - STMicroelectronics STM32F102xx Datasheet HTML 15Page - STMicroelectronics STM32F102xx Datasheet HTML 16Page - STMicroelectronics STM32F102xx Datasheet HTML 17Page - STMicroelectronics STM32F102xx Datasheet HTML 18Page - STMicroelectronics STM32F102xx Datasheet HTML 19Page - STMicroelectronics STM32F102xx Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
STM32F10xx8 and STM32F10xxB silicon limitations
STM32F10xx8 STM32F10xxB
16/41
DocID14574 Rev 13
2.8
Alternate function
In some specific cases, some potential weakness may exist between alternate functions
mapped onto the same pin.
2.8.1
USART1_RTS and CAN_TX
Conditions
•
USART1 is clocked
•
CAN is not clocked
•
I/O port pin PA12 is configured as an alternate function output.
Description
Even if CAN_TX is not used, this signal is set by default to 1 if I/O port pin PA12 is
configured as an alternate function output.
In this case USART1_RTS cannot be used.
Workaround
When USART1_RTS is used, the CAN must be remapped to either another IO configuration
when the CAN is used, or to the unused configuration (CAN_REMAP[1:0] set to “01”) when
the CAN is not used.
2.8.2
SPI1 in slave mode and USART2 in synchronous mode
Conditions
•
SPI1 and USART2 are clocked
•
I/O port pin PA4 is configured as an alternate function output.
Description
USART2 cannot be used in synchronous mode (USART2_CK signal), if SPI1 is used in
slave mode.
Workaround
None.
2.8.3
SPI1 in master mode and USART2 in synchronous mode
Conditions
•
SPI1 and USART2 are clocked
•
I/O port pin PA4 is configured as an alternate function output.
Description
USART2 cannot be used in synchronous mode (USART2_CK signal) if SPI1 is used in
master mode and SP1_NSS is configured in software mode. In this case USART2_CK is
not output on the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com