Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F102xx Datasheet(PDF) 25 Page - STMicroelectronics

Part # STM32F102xx
Description  This errata sheet applies to the revisions
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F102xx Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STM32F102xx Datasheet HTML 21Page - STMicroelectronics STM32F102xx Datasheet HTML 22Page - STMicroelectronics STM32F102xx Datasheet HTML 23Page - STMicroelectronics STM32F102xx Datasheet HTML 24Page - STMicroelectronics STM32F102xx Datasheet HTML 25Page - STMicroelectronics STM32F102xx Datasheet HTML 26Page - STMicroelectronics STM32F102xx Datasheet HTML 27Page - STMicroelectronics STM32F102xx Datasheet HTML 28Page - STMicroelectronics STM32F102xx Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
DocID14574 Rev 13
25/41
STM32F10xx8 STM32F10xxB
STM32F10xx8 and STM32F10xxB silicon limitations
Workaround
If the master device allows it, use the clock stretching mechanism by programming the bit
NOSTRETCH=0 in the I2C_CR1 register.
If the master device does not allow it, ensure that the software writes to the data register fast
enough after TXE or ADDR events. For instance, use an interrupt on the TXE or ADDR flag
and boost its priority to the higher level, or use DMA. Use this "NOSTRETCH" mode with a
slow I2C bus speed.
Note:
The first data byte to transmit must be written in the data register after the ADDR flag is
cleared, and before the next SCL rising edge, so that the time window for writing the first
data byte in the data register is less than tLOW.
If this is not possible, a workaround can be used:
Clear the ADDR flag
Wait for the OVR flag to be set
Clear OVR and write the first data byte.
Then the time window for writing the next data byte will be the time to transfer one byte. In
this case, the master must discard the first received data byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com