Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F102xx Datasheet(PDF) 20 Page - STMicroelectronics

Part # STM32F102xx
Description  This errata sheet applies to the revisions
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F102xx Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STM32F102xx Datasheet HTML 16Page - STMicroelectronics STM32F102xx Datasheet HTML 17Page - STMicroelectronics STM32F102xx Datasheet HTML 18Page - STMicroelectronics STM32F102xx Datasheet HTML 19Page - STMicroelectronics STM32F102xx Datasheet HTML 20Page - STMicroelectronics STM32F102xx Datasheet HTML 21Page - STMicroelectronics STM32F102xx Datasheet HTML 22Page - STMicroelectronics STM32F102xx Datasheet HTML 23Page - STMicroelectronics STM32F102xx Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
STM32F10xx8 and STM32F10xxB silicon limitations
STM32F10xx8 STM32F10xxB
20/41
DocID14574 Rev 13
However, the boundary scan TAP shifts out the latest value loaded into the instruction
register, which could be “00”, “01”, “10” or “11”.
Workaround
The data shifted out, after the capture IR state, in the boundary scan flow should therefore
be ignored and the software should check not only the two least significant bits (XXX01) but
all register bits (XXXXX).
2.12
Flash memory BSY bit delay versus STRT bit setting
Description
When the STRT bit in the Flash memory control register is set (to launch an erase
operation), the BSY bit in the Flash memory status register goes high one cycle later.
Therefore, if the FLASH_SR register is read immediately after the FLASH_CR register is
written (STRT bit set), the BSY bit is read as 0.
Workaround
Read the BSY bit at least one cycle after setting the STRT bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com