Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HDMI2C2-14HD Datasheet(PDF) 9 Page - STMicroelectronics

Part # HDMI2C2-14HD
Description  ESD protection and signal booster for HDMI??1.4 sink interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HDMI2C2-14HD Datasheet(HTML) 9 Page - STMicroelectronics

Back Button HDMI2C2-14HD Datasheet HTML 5Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 6Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 7Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 8Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 9Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 10Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 11Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 12Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
DocID024813 Rev1
9/31
HDMI2C2-14HD
Application information
31
2.3
HEAC link and HPD line protection
The HDMI2C2-14HD proposes a unique solution in order to manage and protect both the
HEAC and the HPD links.
The HPD line is describe in the HDMI standards as a Hot Plug Defect function.This line is
used by the source device in order to detect if a sink device is connected through an HDMI
cable.
The HEAC link is described in the HDMI 1.4 standards as the HDMI ethernet and audio
return channel. It corresponds physically to one differential wired pair made of the utility line
and the HPD line. Two signals are transmitted through this link.
The first signal corresponds to the HDMI Ethernet Channel (HEC). The signal is transmitted
in differential mode (bidirectional) through the HEAC link. It is specified by the
100Base TX IEEE 802.3 standard (Fast Ethernet 100Mbps over twisted pair). Therefore,
the HEC integrates an Ethernet link into the video cable, enabling IP-based applications
over the HDMI cable.
The second signal corresponds to the Audio Return Channel (ARC). The signal is
transmitted in common mode (unidirectional, from sink to source) through the HEAC link. It
is specified by the IEC 60958-1 standard. The ARC integrates an upstream audio capability,
simplifying the cabling of the audiovisual equipments. It is no more necessary to use a
coaxial cable from TV to audio amplifier.
The HDMI2C1-14HD helps the designer to implement this high added value HEAC function
in the application, protecting the link against the ESD with no disturbance of the signal,
thanks to the integrated matching circuitry on HEAC+ line. It provides 2 distinct outputs
HEAC+ and HEAC- in order to ease as much as possible the PCB layout.
Both HPD and utility inputs (cable side) integrate a protection against ESD which is
compliant with IEC61000-4-2 standard, level 4 (8kV contact).
Figure 7. HEAC / HPD / utility functional block diagram
HPD
HEAC- / HPD_IC
Utility
HDMI
ASIC
or
IC
VDD_IC
Utility / HEAC+
HPD / HEAC-
HEAC+
HPD
1
3
5
7
9
2
4
6
8
HDMI
connector
HEAC-
HEAC+
HDMI2C2-14HD
10
11
15
13
19
17
12
16
14
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com