Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HDMI2C2-14HD Datasheet(PDF) 15 Page - STMicroelectronics

Part # HDMI2C2-14HD
Description  ESD protection and signal booster for HDMI??1.4 sink interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HDMI2C2-14HD Datasheet(HTML) 15 Page - STMicroelectronics

Back Button HDMI2C2-14HD Datasheet HTML 11Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 12Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 13Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 14Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 15Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 16Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 17Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 18Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
DocID024813 Rev1
15/31
HDMI2C2-14HD
Electrical characteristics
31
3
Electrical characteristics
Table 3. Absolute maximum ratings (limiting values)
Symbol
Parameter
Test conditions
Value
Unit
Vpp_BUS
ESD discharge on HDMI BUS side (pin 14 to 26, and pin
28), IEC 61000-4-2 level 4
Contact discharge
±8(1)
kV
Vpp_IC
ESD discharge (all pins), HBM
JESD22-A114D level 2 Contact discharge
±2
kV
Tstg
Storage temperature range
-55 to +150
°C
Top
Operating temperature range
-40 to +85
°C
TL
Maximum lead temperature
260
°C
V5V_IN
VDD_IC
VDD_CEC
VDD_CEC_IC
Supply voltages
6
V
Inputs
Logical input min/max voltage range
-0.3 to 6
V
1.
With a 100 nF capacitor connected to the 5V_IN pin.
Table 4. Power supply characteristics (Tamb = 25 °C)
Symbol
Parameter
Test conditions
Min. Typ. Max.
Unit
VDD_CEC
CEC supply voltage, bus side
2.97
3.3
3.63
V
VDD_CEC_IC
CEC supply voltage, IC side
1.62
3.63
V
VDD_IC
Low-voltage ASIC supply voltage
1.62
3.63
V
V5V_IN
5 V cable supply voltage range
4.7
5.0
5.3
V
VDD_CEC_ON
CEC power on reset
2.6
2.8
2.95
V
IQS_5V_IN
Quiescent currents on
VDD_5V_IN, VDD_IC, VDD_CEC,
VDD_CEC_IC
VDD_5V = 5 V, VDD_IC = 1.8 V,
VDD_CEC = 3.3 V
VDD_CEC_IC = 1.8 V
Idle-state on CEC and DDC links,
HPD and 5V_OUT links open
500
µA
IQS_IC
75
IQS_CEC
200
IQS_CEC_IC
40
Rth
Junction to ambient thermal
resistance
Copper heatsink as shown by
Figure 24
75
°C/W
PTOTAL_SB
Standby conditions
VDD_5V = VDD_IC = 0 V
VDD_CEC = 3.3 V
VDD_CEC_IC = 3.3 V
0.8
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com