Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HDMI2C2-14HD Datasheet(PDF) 10 Page - STMicroelectronics

Part # HDMI2C2-14HD
Description  ESD protection and signal booster for HDMI??1.4 sink interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HDMI2C2-14HD Datasheet(HTML) 10 Page - STMicroelectronics

Back Button HDMI2C2-14HD Datasheet HTML 6Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 7Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 8Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 9Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 10Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 11Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 12Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 13Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
Application information
HDMI2C2-14HD
10/31
DocID024813 Rev1
2.4
TMDS channels ESD protection
The TMDS (Transient Minimized Differential Signaling) channels are described by the HDMI
1.4 standard. A total of 4 unidirectional differential pairs are used to transmit the video data
to the sink device. There are 3 channels dedicated to the video data, and 1 channel
dedicated to the clock. The frequency of the TMDS clock is 1/10 of the video data frequency.
The HDMI2C2-14HD provides a simple PCB layout solution, directly compliant with HDMI
connector type A. It protects the application against the ESD according the IEC61000-4-2
level 4 standard (+/-8 kV contact). The high bandwidth of this ESD protection allows to
transmit HD video high speed data with no disturbance of the signal. The TDR is compliant
with the HDMI specification.
A capacitor can be optionally connected to the ESD_DISCH pin in order to enhance the
ESD protection performances.
Figure 8. TMDS lines ESD protection functional diagram
2.5
Application block diagrams
The Figure 9 shows a typical application block diagram proposal implementing all the
possible options. The TMDS channels are simply connected to the connector and to the
HDMI ASIC. The diagram shows that the CEC driver can be totally independent from the
HDMI ASIC. By this way, even if the +5 V power supply and/or if the HDMI ASIC is sleeping,
the CEC bus is still active in low power mode. The designer has then all the tools to optimize
the power consumption of the global application in stand-by mode, and has the possibility to
implement a smart wake-up through the CEC bus enhancing the final user experience.
DAT_D2+
DAT_D2 -
DAT_D1+
DAT_D1-
DAT_D0+
DAT_D0 -
DAT_CLK-
5V_IN
DAT_CLK+
ESD_DSICH
HDMI
ASIC
DAT_D2+_IC
DAT_D2 -_IC
DAT_D1+_IC
DAT_D1- _IC
DAT_D0+_IC
DAT_D0 - _IC
DAT_CLK- _IC
DAT_CLK+_IC
HDMI
connector
VDD_IC
1
3
5
7
9
11
13
15
17
19
12
14
16
18
2
4
6
8
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com