Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HDMI2C2-14HD Datasheet(PDF) 12 Page - STMicroelectronics

Part # HDMI2C2-14HD
Description  ESD protection and signal booster for HDMI??1.4 sink interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HDMI2C2-14HD Datasheet(HTML) 12 Page - STMicroelectronics

Back Button HDMI2C2-14HD Datasheet HTML 8Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 9Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 10Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 11Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 12Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 13Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 14Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 15Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
Application information
HDMI2C2-14HD
12/31
DocID024813 Rev1
Figure 10. Modification of block diagram (with HDMI connector type A)
The Figure 10 illustrates the fact that the HDMI2C2-14HD pin configuration eases and
optimizes the PCB layout of the HDMI interface. The proposed pin-out sequence is directly
compliant with HDMI connector type A.
C3
HDMI connector type A
VDD_CEC
HEAC+
HEAC -
5V_IN
CEC
driver
VDD_IC
VDD_CEC_IC
VDD_CEC
VDD_CEC_IC
DDC clock
DDC data
5V_IN
D1
R1
R2
R3
C2
C1
C5
C6
R4
R5
R6
TMDS Data2+
TMDS Data2 Shield
TMDS Data2-
TMDS Data1+
TMDS Data1 Shield
TMDS Data1-
TMDS Data0+
TMDS Data0 Shield
TMDS Data0-
TMDS Clock+
TMDS Clock Shield
TMDS Clock-
CEC
Utility / HEAC+
SCL
SDA
DDC/CEC GND / HEAC shield
+5V power
HPD / HEAC -
VDD_CEC_IC
EEPROM
HPD
DDC_EN
5V_IN
nc
DAT_D2+
DAT_D2-
DAT_D1+
DAT_D1-
DAT_D0+
DAT_D0-
DAT_CK+
DAT_CK-
SDA_IC
nc
ESD_DISCH
DAT_D2+_IC
DAT_D2-_IC
DAT_D1+_IC
DAT_D1-_IC
DAT_D0+_IC
DAT_D0-_IC
DAT_CK+_IC
DAT_CK-_IC
SCL_IC
VDD_CEC
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com