Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HDMI2C2-14HD Datasheet(PDF) 18 Page - STMicroelectronics

Part # HDMI2C2-14HD
Description  ESD protection and signal booster for HDMI??1.4 sink interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HDMI2C2-14HD Datasheet(HTML) 18 Page - STMicroelectronics

Back Button HDMI2C2-14HD Datasheet HTML 14Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 15Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 16Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 17Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 18Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 19Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 20Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 21Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
Electrical characteristics
HDMI2C2-14HD
18/31
DocID024813 Rev1
Figure 12. TMDS line S21 frequency curve
Table 8. TMDS links electrical characteristics(1)
Symbol
Parameter
Test conditions
Value
Unit
Min.
Typ.
Max.
fCUT_TMDS Bandwidth at -3 dB
Single ended mode
4.7(2)
GHz
Differential mode
6.5
VBR
Breakdown voltage
6
V
IRM
Leakage current
VRM = 3.3 V
100
nA
CI/O-GND
Capacitance input/output to
ground
VI/O =0 V, f = 1 MHz, VOSC = 30 mV
1.5
pF
ΔCI/O-GND Capacitance variation
VI/O = 0 V, f = 1 MHz, VOSC = 30 mV
50
pF
ZDIFF
Differential impedance
tr = 200ps (10%-90%)
Z0DIFF=100 Ω
85
100
115
Ω
1.
Tamb =25°C, VDD_5V = 5V, unless otherwise specified
2.
The bandwidth is large enough to operate up to 340 MHz as HDMI clock frequency, corresponding to 10.2 Gbps total data
rate, 3.4 Gbps on each lane
Sdd21
dB
0
-3
-6
- 9
-12
-15
100k
1M
10M
100M
1G
F(Hz)
Scc21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com