Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HDMI2C2-14HD Datasheet(PDF) 19 Page - STMicroelectronics

Part # HDMI2C2-14HD
Description  ESD protection and signal booster for HDMI??1.4 sink interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HDMI2C2-14HD Datasheet(HTML) 19 Page - STMicroelectronics

Back Button HDMI2C2-14HD Datasheet HTML 15Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 16Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 17Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 18Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 19Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 20Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 21Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 22Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
DocID024813 Rev1
19/31
HDMI2C2-14HD
Electrical characteristics
31
Figure 13. TMDS line differential far end crosstalk curve
Figure 14. TMDS line: remaining voltage when positive 8 kV ESD surge applied
10M
30M
100M
300M
1G
3G
10G
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
dB
D2-D1_FEXT
D2-CLK_FEXT
F(Hz)
20 V/div
V : ESD peak voltage
PP
V :clamping voltage @ 30 ns
CL
V :clamping voltage @ 60 ns
CL
V :clamping voltage @ 100 ns
CL
1
2
3
4
20 ns/div
7.5 V 4
11.7 V 3
13.1 V 2
100.9 V 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com